Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4016DCG10 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616UV4016DCG10
Description  Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016DCG10 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616UV4016DCG10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016DCG10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
BSI
BS616UV4016
4
R0201-BS616UV4016
Revision
1.3
Sep.
2005
n DATA RETENTION CHARACTERISTICS (T
A = -40
OC to +85OC)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
(1)
MAX.
UNITS
VDR
VCC for Data Retention
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
1.2
--
--
V
ICCDR
(3)
Data Retention Current
CE≧VCC-0.2V,
VIN≧VCC-0.2V or VIN≦0.2V
--
0.15
1.7
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
tRC
(2)
--
--
ns
1. VCC=1.2V, TA=25
OC.
2. tRC = Read Cycle Time.
3. ICCRD_Max. is 1.2uA at TA=70
OC.
n LOW V
CC DATA RETENTION WAVEFORM (1) (CE Controlled)
n AC TEST CONDITIONS
(Test Load and Input/Output Reference)
Input Pulse Levels
Vcc / 0V
Input Rise and Fall Times
1V/ns
Input and Output Timing
Reference Level
0.5Vcc
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ
CL = 5pF+1TTL
Output Load
Others
CL = 30pF+1TTL
1. Including jig and scope capacitance.
n KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM
“H” TO “L”
WILL BE CHANGE
FROM
“H” TO “L”
MAY CHANGE
FROM
“L” TO “H”
WILL BE CHANGE
FROM
“L” TO “H”
DON
’T CARE
ANY CHANGE
PERMITTED
CHANGE :
STATE UNKNOW
DOES NOT
APPLY
CENTER LINE IS
HIGH INPEDANCE
“OFF” STATE
CL
(1)
1 TTL
Output
ALL INPUT PULSES
→ ←
90%
VCC
GND
Rise Time:
1V/ns
Fall Time:
1V/ns
90%
→ ←
10%
10%
Data Retention Mode
VCC
tCDR
VCC
tR
VIH
VIH
CE≧VCC - 0.2V
VDR≧1.0V
CE
VCC


Similar Part No. - BS616UV4016DCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016DCG10 BSI-BS616UV4016DCG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016DCG10 BSI-BS616UV4016DCG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016DCG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com