Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2019TCP10 Datasheet(PDF) 7 Page - Brilliance Semiconductor

Part # BS616UV2019TCP10
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2019TCP10 Datasheet(HTML) 7 Page - Brilliance Semiconductor

  BS616UV2019TCP10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2019TCP10 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Revision 1.1
Jan.
2004
7
R0201-BS616UV2019
BSI
BS616UV2019
NOTES:
1. WE must be high during address transitions.
2. The internal write time of the memory is defined by the overlap of CE2, CE and WE low. All signals
must be active to initiate a write and any one signal can terminate a write by going inactive.
The data input setup and hold timing should be referenced to the second transition edge of
the signal that terminates the write.
3. TWR is measured from the earlier of CE2 going low, or CE or WE going high at the end of write cycle.
4. During this period, DQ pins are in the output state so that the input signals of opposite phase
to the outputs must not be applied.
5. If the CE2 high transition or CE low transition occurs simultaneously with the WE low transitions or after the WE
transition, output remain in a high impedance state.
6. OE is continuously low (OE = VIL ).
7. DOUT is the same phase of write data of this write cycle.
8. DOUT is the read data of next address.
9. If CE2 is high or CE is low during this period, DQ pins are in the output state. Then the data input signals of
opposite phase to the outputs must not be applied to them.
10. The parameter is guaranteed but not 100% tested.
11. TCW is measured from the later of CE2 going high or CE going low to the end of write.
12. 48B BGA ignore this parameters related to CE2 .
WRITE CYCLE2 (1,6)
t WC
t CW
(11)
(2)
t WP
t AW
t WHZ
(4,10)
t AS
t WR
(3)
t DH
t DW
D
IN
D
OUT
WE
CE
ADDRESS
t OW
(7)
(8)
(8,9)
CE2
LB,UB
t BW
(5)
(5)
(5,12)


Similar Part No. - BS616UV2019TCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019TCP10 BSI-BS616UV2019TCP10 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019TCP10 BSI-BS616UV2019TCP10 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2019TCP10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2011 BSI-BS616UV2011 Datasheet
237Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com