Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4016DIG10 Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616UV4016DIG10
Description  Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4016DIG10 Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616UV4016DIG10 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4016DIG10 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BSI
Ultra Low Power/High Speed CMOS SRAM
256K X 16 bit
BS616UV4016
R0201-BS616UV4016
1
Revision
1.3
Sep.
2005
n FEATURES
Ÿ Wide V
CC operation voltage :
C-grade : 1.8V ~ 3.6V
I-grade : 1.9V ~ 3.6V
(VCC_min.=1.65V at 25
OC)
Ÿ Ultra low power consumption :
VCC = 2.0V
C-grade : 10mA(Max.) operating current
I-grade : 12mA(Max.) operating current
0.3uA (Typ.) CMOS standby current
VCC = 3.0V
C-grade : 13mA(Max.) operating current
I-grade : 15mA(Max.) operating current
0.45uA (Typ.) CMOS standby current
Ÿ High speed access time :
-85
85ns (Max.)
-10
100ns (Max.)
Ÿ Automatic power down when chip is deselected
Ÿ Easy expansion with CE and OE options
Ÿ I/O Configuration x8/x16 selectable by LB and UB pin.
Ÿ Three state outputs and TTL compatible
Ÿ Fully static operation
Ÿ Data retention supply voltage as low as 1.2V
n DESCRIPTION
The BS616UV4016 is a high performance, ultra low power CMOS Static
Random Access Memory organized as 262,144 words by 16 bits and
operates form a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with typical CMOS standby current of
0.3uA at 2.0V/25
OC and maximum access time of 85ns at 85OC.
Easy memory expansion is provided by an active LOW chip enable (CE)
and active LOW output enable (OE) and three-state output drivers.
The BS616UV4016 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616UV4016 is available in DICE form, JEDEC standard 44-pin
TSOP Type II and 48-ball BGA package.
n PRODUCT FAMILY
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
VCC
RANGE
C-grade : 1.8~3.6V
I-grade : 1.9~3.6V
VCC=3.0V VCC=2.0V VCC=3.0V VCC=2.0V
PKG TYPE
BS616UV4016DC
DICE
BS616UV4016EC
TSOP2-44
BS616UV4016AC
+0
OC to +70OC
1.8V ~ 3.6V
85/100
6.0uA
3.0uA
13mA
10mA
BGA-48-0608
BS616UV4016DI
DICE
BS616UV4016EI
TSOP2-44
BS616UV4016AI
-40
OC to +85OC
1.9V ~ 3.6V
85/100
8.0uA
5.0uA
15mA
12mA
BGA-48-0608
n PIN CONFIGURATIONS
n BLOCK DIAGRAM
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
G
H
F
E
D
C
B
A
1
2
3
4
5
6
A9
A11
A10
NC
A12
A14
A13
A15
WE
IO13
IO5
IO7
IO6
A17
A16
A7
VSS
VCC
IO12
IO11
IO4
IO3
NC
A5
OE
A3
A0
A6
A4
A1
A2
NC
LB
IO10
IO1
CE
IO2
IO0
48-ball BGA top view
UB
IO8
IO9
VSS
VCC
IO14
IO15
NC
NC
A8
A4
A3
A2
A1
A0
CE
IO0
IO1
IO2
IO3
VCC
GND
IO4
IO5
IO6
IO7
WE
A17
A16
A15
A14
A13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
BS616UV4016EC
BS616UV4016EI
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
UB
LB
IO15
IO14
IO13
IO12
GND
VCC
IO11
IO10
IO9
IO8
NC
A8
A9
A10
A11
A12
Address
Input
Buffer
Row
Decoder
Memory Array
1024 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Address Input Buffer
Data
Input
Buffer
Control
IO0
.
.
.
.
.
.
IO15
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
16
16
16
16
8
256
2048
1024
10
A13
Data
Output
Buffer
CE
WE
OE
UB
LB
VCC
GND
A14
.
.
.
.
.
.
A15 A16 A17 A0
A2
A1


Similar Part No. - BS616UV4016DIG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016DIG10 BSI-BS616UV4016DIG10 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016DIG10 BSI-BS616UV4016DIG10 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4016DIG10

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_17 Datasheet
777Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_12 Datasheet
271Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Lyontek Inc.
LY6225616_1008 LYONTEK-LY6225616_1008 Datasheet
274Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com