Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34AC02PI-1.8TE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT34AC02PI-1.8TE13
Description  2K-Bit SMBus EEPROM for ACR Card Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02PI-1.8TE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT34AC02PI-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02PI-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
A0
A1
A2
SDA
WP
CAT34AC02
2K-Bit SMBus EEPROM for ACR Card Configuration
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
DIP Package (P, L)
TSSOP Package (U, Y)
SOIC Package (J, W)
FEATURES
s 400 kHz (5V) and 100 kHz (1.8V) SMBus
compatible
s 1.8 to 6.0 volt operation
s Low power CMOS technology
– zero standby current
s 16-byte page write buffer
s Industrial, automotive and extended
temperature ranges
s Self-timed write cycle with auto-clear
s 1,000,000 program/erase cycles
s 100 year data retention
s 8-pin DIP, 8-pin SOIC and 8-pin TSSOP packages
s 256 x 8 memory organization
s Hardware write protect
DESCRIPTION
The CAT34AC02 is a 2K-bit Serial CMOS EEPROM
internally organized as 256 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The CAT34AC02 features a
16-byte page write buffer. The device operates via the
SMBus serial interface for ACR card configuration and
is available in 8-pin DIP, 8-pin SOIC or 8-pin TSSOP
packages.
© 2003 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc No. 1025, Rev. E
Preliminary Information
A2
A0
A1
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
1
2
3
4
8
7
6
5
MSOP Package (R, Z)
ALO
GEN FR
TM
LEAD FREE


Similar Part No. - CAT34AC02PI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results

Similar Description - CAT34AC02PI-1.8TE13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M34A02 STMICROELECTRONICS-M34A02 Datasheet
123Kb / 15P
   2 Kbit Serial SMBus EEPROM for ACR Card Configuration
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
   2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
   2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
   2K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com