Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E404FNR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10E404FNR2
Description  QUAD DIFFERENTIAL AND/NAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E404FNR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10E404FNR2 Datasheet HTML 1Page - ON Semiconductor MC10E404FNR2 Datasheet HTML 2Page - ON Semiconductor MC10E404FNR2 Datasheet HTML 3Page - ON Semiconductor MC10E404FNR2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10E404 MC100E404
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
2–2
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
IIH
Input HIGH Current
150
150
150
µA
IEE
Power Supply Current
mA
10E
106
127
106
127
106
127
100E
106
127
106
127
122
146
VPP(DC)
Input Sensitivity
50
50
50
mV
1
VCMR
Common Mode Range
–1.5
0
–1.5
0
–1.5
0
V
2
1. Differential input voltage required to obtain a full ECL swing on the outputs.
2. VCMR is referenced to the most positive side of the differential input signal. Normal operation is obtained when the input signals are within the
VCMR range and the input swing is greater than VPP MIN and < 1.0V.
AC CHARACTERISTICS (VEE= VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
Da (Diff)
350
475
650
350
475
650
350
475
650
Da (SE)
300
475
700
300
475
700
300
475
700
Db (Diff)
375
500
675
375
500
675
375
500
675
Db (SE)
325
500
725
325
500
725
325
500
725
tSKEW
Within-Device Skew
50
50
50
ps
1
VPP(AC)
Minimum Input Swing
150
150
150
mV
2
tr
Rise/Fall Time
tf
20 - 80%
150
400
150
400
150
400
ps
1. Within-device skew is defined as identical transitions on similar paths through a device.
2. Minimum input swing for which AC parameters are guaranteed.


Similar Part No. - MC10E404FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E404FNR2 ONSEMI-MC10E404FNR2 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404FNR2G ONSEMI-MC10E404FNR2G Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC10E404FNR2G ONSEMI-MC10E404FNR2G Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
More results

Similar Description - MC10E404FNR2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E404 MICREL-SY10E404 Datasheet
60Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
SY10E404 MICREL-SY10E404_06 Datasheet
62Kb / 4P
   QUAD DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E404 ONSEMI-MC10E404_06 Datasheet
128Kb / 8P
   5 V ECL Quad Differential AND/NAND
November, 2006 ??Rev. 8
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com