Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

EM78P447NAM Datasheet(PDF) 38 Page - ELAN Microelectronics Corp

Part No. EM78P447NAM
Description  8-BIT MICRO-CONTROLLER
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P447NAM Datasheet(HTML) 38 Page - ELAN Microelectronics Corp

Back Button EM78P447NAM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P447NAM Datasheet HTML 42Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
EM78P447N
OTP ROM
6.2 AC Electrical Characteristic
(Ta=- -40
°C ~ 85 °C, VDD=5V±5%, VSS=0V)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Dclk
Input CLK duty cycle
45
50
55
%
Crystal type
100
60000
ns
Tins
Instruction cycle time
(CLKS="0")
RC type
500
100000
ns
Ttcc
TCC input period
(Tins+20)/N*
ns
Tdrh
Device reset hold time
Ta = 25
°C
11.3
16.2
21.6
ms
Trst
/RESET pulse width
Ta = 25
°C
2000
ns
Twdt
Watchdog timer period
Ta = 25
°C
11.3
16.2
21.6
ms
Tset
Input pin setup time
0
ns
Thold
Input pin hold time
15
20
25
ns
Tdelay
Output pin delay time
Cload=20pF
45
50
55
ns
Tiod
I/O delay for EMI enable
Cload=150pF
4
5
6
ns
Ttrr1
Rising time for EMI enable
Cload=150pF
190
200
210
ns
Ttrf1
Falling time for EMI enable
Cload=150pF
190
200
210
ns
Ttrr2
Rising time for EMI enable
Cload=300pF
380
400
420
ns
Ttrf2
Falling time for EMI enable
Cload=300pF
380
400
420
ns
Tdrc
ERC delay time
Ta = 25
°C
1
3
5
ns
*Data in Typ. is measured at 5V ,25
°C
* N= selected prescaler ratio.
This specification is subject to change without prior notice.
10.21.2004 (V1.0)
38


Similar Part No. - EM78P447NAM

ManufacturerPart No.DatasheetDescription
ELAN Microelectronics Corp
ELAN Microelectronics C...
EM78P447 EMC-EM78P447 Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447S EMC-EM78P447S Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SA EMC-EM78P447SA Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAM EMC-EM78P447SAM Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
EM78P447SAP EMC-EM78P447SAP Datasheet
1Mb / 55P
   8-BIT MICRO-CONTROLLER
More results

Similar Description - EM78P447NAM

ManufacturerPart No.DatasheetDescription
Micon Design Technology Corporation
Micon Design Technology...
MDT10P43 MDTIC-MDT10P43_04 Datasheet
345Kb / 10P
   8-bit Micro-controller
MDT2010JG MDTIC-MDT2010JG Datasheet
126Kb / 15P
   8-bit micro-controller
MDT10P716 MDTIC-MDT10P716 Datasheet
137Kb / 16P
   8-bit micro-controller
MDT10P10BG MDTIC-MDT10P10BG Datasheet
132Kb / 16P
   8-bit micro-controller
SyncMOS Technologies,Inc
SyncMOS Technologies,In...
SM59R16A2 SYNCMOS-SM59R16A2 Datasheet
651Kb / 67P
   8-Bit Micro-controller
Megawin Technology Co., Ltd
Megawin Technology Co.,...
MPC82X54A MEGAWIN-MPC82X54A Datasheet
1Mb / 74P
   8-bit micro-controller
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
King blillion Electronics Co.,Ltd.
King blillion Electroni...
HE83120 KB-HE83120 Datasheet
254Kb / 10P
   8-BIT MICRO-CONTROLLER
HE83123 KB-HE83123 Datasheet
233Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83135 KB-HE83135 Datasheet
262Kb / 11P
   8-BIT MICRO-CONTROLLER
HE83R143 KB-HE83R143 Datasheet
297Kb / 11P
   8-BIT MICRO-CONTROLLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com