Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-205BSA Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ICM-205BSA
Description  VGA/QVGA CMOS image sensor with digital YUV output
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ICM-205BSA Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ICM-205BSA Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 14Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 15Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 16Page - List of Unclassifed Manufacturers ICM-205BSA Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ICM205B: VGA CMOS sensor with digital YUV output
Data Sheet V1.3, Oct. 2002
©2000, 2001, 2002 IC Media Corporation & IC Media Technology Corp.
10/16/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 13
13
Control Registers by serial bus
Note : *1 Need PART_CONTROL [7] to change value
*2 Need PART_CONTROL [2] to change value
Address
Name
Default
Description
0x00
PART_CONTROL
0x00
Processing control
[0] Mode select
0: Normal mode,
1: Single frame mode
[2] Exposure time control, writing a 1 will
activate the new value set in
AD_EXPOSE_TIME, when read back from
it, 0 means either the exposure time change
is finished (in video mode) or the entire
frame is transmitted (in single frame
mode), 1 means either the exposure time
change is still in progress (in video mode)
or the frame is yet to finish (in single frame
mode)
[6:3] Frame rate,
0: 30 fps
1: 15 fps
2: 10 fps
3: 6 fps
4: 5 fps
5: 3 fps
6: 2 fps
7: 1 fps
[7] Latent change, writing a 1 means the
changed latent registers now starts taking
effect, when the entire operation is done,
the read back value of this bit will change
from 1 to 0.


Similar Part No. - ICM-205BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM-202BSA ETC1-ICM-202BSA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
ICM-202BTA ETC1-ICM-202BTA Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
More results

Similar Description - ICM-205BSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM202B ETC1-ICM202B Datasheet
454Kb / 36P
   CIF/QCIF CMOS image sensor with digital YUV output
logo
Pixart Imaging Inc.
PAS6180 PIXART-PAS6180 Datasheet
782Kb / 17P
   CMOS QVGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com