Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMKT5089M10 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMKT5089M10
Description  SURFACE MOUNT ULTRAmini DUAL NPN SILICON MATCHED hFE TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMKT5089M10 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMKT5089M10 Datasheet HTML 1Page - Central Semiconductor Corp CMKT5089M10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
4.5
V
Collector Current
IC
50
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=15V
50
nA
IEBO
VEB=4.5V
100
nA
BVCBO
IC=100µA
30
V
BVCEO
IC=1.0mA
25
V
BVEBO
IE=100µA
4.5
V
VCE(SAT)
IC=10mA, IB=1.0mA
0.5
V
VBE(SAT)
IC=10mA, IB=1.0mA
0.8
V
hFE
VCE=5.0V, IC=0.1mA
400
1200
hFE
VCE=5.0V, IC=1.0mA
450
hFE
VCE=5.0V, IC=10mA
400
fT
VCE=5.0V, IC=500µA, f=20MHz
50
MHz
Cob
VCB=5.0V, IE=0, f=1.0MHz
4.0
pF
Cib
VBE=0.5V, IC=0, f=1.0MHz
10
pF
hfe
VCE=5.0V, IC=1.0mA, f=1.0kHz
450
1800
NF
VCE=5.0V, IC=100µA, RS=10kΩ
f=10Hz to 15.7kHz
2.0
dB
MATCHING CHARACTERISTICS:
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2*VCE=5.0V, IC=1.0mA
0.9
1.0
|VBEON1-VBEON2|VCE=5.0V, IC=100µA
5.0
mV
* The lowest hFE reading is taken as hFE1.
CMKT5089M10
SURFACE MOUNT
ULTRAminiTM
DUAL NPN SILICON
MATCHED hFE TRANSISTORS
SOT-363 CASE
Central
Semiconductor Corp.
TM
R2 (7-August 2003)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR
CMKT5089M10 consists of two (2) individual,
isolated 5089 NPN silicon transistors with
matched hFE. This ULTRAminiTM device is
manufactured by the epitaxial planar process and
epoxy molded in an SOT-363 surface mount
package. The CMKT5089M10 has been designed
for applications requiring high gain and low noise.
MARKING CODE: C9M0


Similar Part No. - CMKT5089M10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
More results

Similar Description - CMKT5089M10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMKT5089M10 CENTRAL-CMKT5089M10_10 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMKT5089M10 CENTRAL-CMKT5089M10_15 Datasheet
498Kb / 2P
   SURFACE MOUNT DUAL NPN SILICON MATCHED hFE TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM Datasheet
685Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMLT8099M CENTRAL-CMLT8099M Datasheet
678Kb / 2P
   SURFACE MOUNT DUAL, MATCHED NPN SILICON TRANSISTORS
CMKT5078 CENTRAL-CMKT5078 Datasheet
190Kb / 2P
   ULTRAmini. SURFACE MOUNT SILICON TRANSISTORS
CMUT2222A CENTRAL-CMUT2222A Datasheet
103Kb / 2P
   ULTRAmini. SURFACE MOUNT NPN SILICON TRANSISTOR
CMLT5087EM CENTRAL-CMLT5087EM Datasheet
751Kb / 2P
   SURFACE MOUNT DUAL, MATCHED PNP SILICON TRANSISTORS
CMLT5088EM CENTRAL-CMLT5088EM_15 Datasheet
616Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMLT8099M CENTRAL-CMLT8099M_15 Datasheet
609Kb / 3P
   SURFACE MOUNT SILICON DUAL, MATCHED NPN TRANSISTOR
CMKT2907A CENTRAL-CMKT2907A Datasheet
111Kb / 2P
   ULTRAmini. SURFACE MOUNT DUAL PNP SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com