Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74LVC08A Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74LVC08A
Description  3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE WITH 5 VOLT TOLERANT I/O
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC08A Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74LVC08A Datasheet HTML 1Page - Integrated Device Technology IDT74LVC08A Datasheet HTML 2Page - Integrated Device Technology IDT74LVC08A Datasheet HTML 3Page - Integrated Device Technology IDT74LVC08A Datasheet HTML 4Page - Integrated Device Technology IDT74LVC08A Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC08A
3.3VCMOSQUADRUPLE2-INPUTPOSITIVE-ANDGATE
3
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 6mA
2
VCC = 2.3V
IOH = – 12mA
1.7
VCC = 2.7V
2.2
VCC = 3V
2.4
VCC = 3V
IOH = – 24mA
2.2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 6mA
0.4
IOL = 12mA
0.7
VCC = 2.7V
IOL = 12mA
0.4
VCC = 3V
IOL = 24mA
0.55
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceperGate
CL = 0pF, f = 10Mhz
10
pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
4.8
1
4.1
ns
tPHL
xA or xB to xY
tSK(o)
OutputSkew(2)
——
1
ns
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction.


Similar Part No. - IDT74LVC08A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC07A IDT-IDT74LVC07A Datasheet
54Kb / 5P
   3.3V CMOS HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC07ADC IDT-IDT74LVC07ADC Datasheet
54Kb / 5P
   3.3V CMOS HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC07APG IDT-IDT74LVC07APG Datasheet
54Kb / 5P
   3.3V CMOS HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVC07APY IDT-IDT74LVC07APY Datasheet
54Kb / 5P
   3.3V CMOS HEX BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS AND 5 VOLT TOLERANT I/O
More results

Similar Description - IDT74LVC08A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74LVC32A IDT-IDT74LVC32A Datasheet
56Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-OR GATE WITH 5 VOLT TOLERANT I/O
IDT74LVC11A IDT-IDT74LVC11A Datasheet
55Kb / 5P
   3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O
IDT74LVC125A IDT-IDT74LVC125A Datasheet
61Kb / 6P
   3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74ALVC08 IDT-IDT74ALVC08 Datasheet
55Kb / 5P
   3.3V CMOS QUADRUPLE 2-INPUT POSITIVE-AND GATE
IDT74LVC16827A IDT-IDT74LVC16827A Datasheet
104Kb / 6P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
logo
Renesas Technology Corp
IDT74LVC16827A RENESAS-IDT74LVC16827A Datasheet
260Kb / 7P
   3.3V CMOS 20-BIT BUFFER WITH 5 VOLT TOLERANT I/O
AUGUST 2015
logo
Integrated Device Techn...
IDT74LVC377A IDT-IDT74LVC377A Datasheet
68Kb / 6P
   3.3V CMOS 8-BIT REGISTER WITH CLOCK ENABLE AND 5 VOLT TOLERANT I/O
IDT74LVC273A IDT-IDT74LVC273A Datasheet
70Kb / 6P
   3.3V CMOS OCTAL D-TYPE FLIP-FLOP WITH RESET, POSITIVE EDGE TRIGGER,AND 5 VOLT TOLERANT I/O
IDT74LVC541A IDT-IDT74LVC541A Datasheet
68Kb / 6P
   3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
IDT74LVCR2245A IDT-IDT74LVCR2245A Datasheet
65Kb / 6P
   3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com