Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B160-200-HSI Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B160-200-HSI
Description  2-Port HDMI over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B160-200-HSI Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B160-200-HSI Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B160-200-HSI Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B160-200-HSI Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B160-200-HSI Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
External Power Supply Output
Specs (V / A)
5V / 2A
External Power Supply Cord Length
(ft.)
4.5
External Power Supply Cord Length
(m.)
1.4
External Power Supply DC Barrel
Connector Specs
OD: 5.5 x 2.1 x 7.5mm, Positive Pin, Negative Sleeve
External Power Supply Plug(s)
AS/NZS 3112 Australia; BS 1363 UK; CEE 7/16 Schuko; NEMA 1-15P North America
External Power Supply Certifications
BSMI; CB; CE; FCC; GS; PSE; RCM; UL; cUL
USER INTERFACE, ALERTS & CONTROLS
LED Indicators
RJ45 Output (Green / Power, Orange / Signal), Channel Signal (Red), Power (Green)
PHYSICAL
Color
Black
Material of Construction
SECC
Rackmountable
Yes
Shipping Dimensions (hwd / in.)
2.00 x 6.30 x 10.20
Shipping Weight (lbs.)
1.80
Unit Dimensions (hwd / in.)
1.2 x 5 x 3.9
Unit Weight (kg)
0.11
Unit Weight (lbs.)
0.24
ENVIRONMENTAL
Operating Temperature Range
14 to 167 F (-10 to 75 C)
Storage Temperature Range
-4 to 176 F (-20 to 80 C)
Relative Humidity
0% to 85%, Non-Condensing
BTUs
23 BTU/Hr
Power Consumption (Watts)
6.7
COMMUNICATIONS
Signal Range (ft.)
328
Signal Range (m)
100
Latency
2-3 seconds
CONNECTIONS
Ports
2
Side A - Connector 1
(2) HDMI (FEMALE)
3 / 4


Similar Part No. - B160-200-HSI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B160-201-HSI TRIPPLITE-B160-201-HSI Datasheet
179Kb / 4P
   HDMI over IP Extender Kit with Built-in 2-Port Splitter, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-202-HDSI TRIPPLITE-B160-202-HDSI Datasheet
169Kb / 4P
   DVI/HDMI over Cat5/6 Matrix/Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 656 ft. (200 m), TAA
More results

Similar Description - B160-200-HSI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B160-100-HDSI TRIPPLITE-B160-100-HDSI Datasheet
165Kb / 4P
   DVI/HDMI over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-100-DPSI TRIPPLITE-B160-100-DPSI Datasheet
170Kb / 4P
   DisplayPort over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-001-HDSI TRIPPLITE-B160-001-HDSI Datasheet
166Kb / 4P
   DVI/HDMI over IP Extender Transmitter over Cat5/Cat6, RS-232 Serial and IR Control, 1920 x 1080 (1080p), 328 ft. (100 m), TAA
B160-101-DPSI TRIPPLITE-B160-101-DPSI Datasheet
180Kb / 4P
   DisplayPort over IP Transmitter/Receiver/Extender Kit, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-001-VSI TRIPPLITE-B160-001-VSI Datasheet
169Kb / 4P
   VGA over IP Extender Transmitter over Cat5/Cat6, RS-232 Serial and IR Control, 1920 x 1440 (1080p), 328 ft. (100 m), TAA
B160-201-HSI TRIPPLITE-B160-201-HSI Datasheet
179Kb / 4P
   HDMI over IP Extender Kit with Built-in 2-Port Splitter, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-101-HDSI TRIPPLITE-B160-101-HDSI Datasheet
181Kb / 4P
   DVI/HDMI over IP Gigabit LAN Ethernet Extender Kit, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-001-DPSI TRIPPLITE-B160-001-DPSI Datasheet
166Kb / 4P
   DisplayPort over IP Extender Transmitter over Cat5/Cat6, RS-232 Serial and IR Control, 1920 x 1080, 328 ft. (100 m), TAA
B160-100-VSI TRIPPLITE-B160-100-VSI Datasheet
170Kb / 4P
   VGA Audio Video over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1920 x 1440, 328 ft. (100 m), TAA
B160-101-DPHDSI TRIPPLITE-B160-101-DPHDSI Datasheet
166Kb / 4P
   DisplayPort to DVI/HDMI over Cat5/6 Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 328 ft., TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com