Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B160-101-HDSI Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # B160-101-HDSI
Description  DVI/HDMI over IP Gigabit LAN Ethernet Extender Kit, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B160-101-HDSI Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  B160-101-HDSI Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B160-101-HDSI Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B160-101-HDSI Datasheet HTML 3Page - Tripp Lite. All Rights Reserved B160-101-HDSI Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
328 ft. per switch
HDMI output on transmitter for connecting a local display
q
Create a Multi-In, Multi-Out Installation Using B160-Series Transmitters and Receivers
Connect up to 64 transmitters and 255 receivers through multiple dedicated managed network switches
q
IGMP-enabled switches allow centralized control over which sources show on which displays
q
Video source can be sent to any analog or digital display, so you can mix and match technologies and
use existing monitors
q
Enhanced Technical Features
Supports video resolutions up to 1920 x 1080 (1080p) @ 60 Hz
q
Uses H.264 video compression standard
q
Transmits on 20–60 kHz IR frequency
q
Extends IR control signals that control a source from a remote display
q
Supports RS-232 serial baud rates up to 57600 Bps
q
HDCP and 3D compatible
q
Plug-and-Play Functionality
No software or drivers required
q
Hardware included for mounting on wall, rack or pole
q
TAA-Compliant
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
q
OVERVIEW
UPC Code
037332196781
INPUT
Voltage Compatibility (VAC)
100; 110; 120; 125; 127; 200; 208; 220; 230; 240
External Power Supply Input Specs
(V / Hz / A)
100-240V / 50/60Hz / 1.0A
External Power Supply Output
Specs (V / A)
5V / 2A
External Power Supply Cord Length
(ft.)
4.5
External Power Supply Cord Length
(m.)
1.4
External Power Supply DC Barrel
Connector Specs
OD: 5.5 x 2.1 x 7.5mm, Positive Pin, Negative Sleeve
2 / 4


Similar Part No. - B160-101-HDSI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B160-101-DPHDSI TRIPPLITE-B160-101-DPHDSI Datasheet
166Kb / 4P
   DisplayPort to DVI/HDMI over Cat5/6 Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 328 ft., TAA
B160-101-DPSI TRIPPLITE-B160-101-DPSI Datasheet
180Kb / 4P
   DisplayPort over IP Transmitter/Receiver/Extender Kit, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
More results

Similar Description - B160-101-HDSI

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B160-100-HDSI TRIPPLITE-B160-100-HDSI Datasheet
165Kb / 4P
   DVI/HDMI over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-101-DPSI TRIPPLITE-B160-101-DPSI Datasheet
180Kb / 4P
   DisplayPort over IP Transmitter/Receiver/Extender Kit, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-101-DPHDSI TRIPPLITE-B160-101-DPHDSI Datasheet
166Kb / 4P
   DisplayPort to DVI/HDMI over Cat5/6 Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 328 ft., TAA
B160-200-HSI TRIPPLITE-B160-200-HSI Datasheet
170Kb / 4P
   2-Port HDMI over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-100-DPSI TRIPPLITE-B160-100-DPSI Datasheet
170Kb / 4P
   DisplayPort over IP Extender Receiver over Cat5/Cat6, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-201-HSI TRIPPLITE-B160-201-HSI Datasheet
179Kb / 4P
   HDMI over IP Extender Kit with Built-in 2-Port Splitter, RS-232 Serial and IR Control, 1080p @ 60 Hz, 328 ft. (100 m), TAA
B160-001-HDSI TRIPPLITE-B160-001-HDSI Datasheet
166Kb / 4P
   DVI/HDMI over IP Extender Transmitter over Cat5/Cat6, RS-232 Serial and IR Control, 1920 x 1080 (1080p), 328 ft. (100 m), TAA
B160-103-HDSI TRIPPLITE-B160-103-HDSI Datasheet
170Kb / 4P
   DVI/HDMI over Cat5/6 Switch/Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 656 ft. (200 m), TAA
B160-202-HDSI TRIPPLITE-B160-202-HDSI Datasheet
169Kb / 4P
   DVI/HDMI over Cat5/6 Matrix/Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 656 ft. (200 m), TAA
B160-301-HDSI TRIPPLITE-B160-301-HDSI Datasheet
170Kb / 4P
   DVI/HDMI over Cat5/6 Splitter/Extender Kit - 1080p @ 60 Hz, RS-232, IR Control, 656 ft. (200m), TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com