Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

54HCT00 Datasheet(HTML) 4 Page - Silicon Supplies

Part No. 54HCT00
Description  Low Power Schottky Logic
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SS [Silicon Supplies]
Homepage  https://siliconsupplies.com/
Logo 

54HCT00 Datasheet(HTML) 4 Page - Silicon Supplies

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
 
 
High Speed CMOS TTL Input – 54HCT00
 
DC Electrical Characteristics Continued (Voltages Referenced to GND)
Rev 1.0
07/02/19
 
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
FULL RANGE
4
25°C
85°C
 
UNITS
Maximum Input
Leakage Current
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
IIN
5.5V
VIN = VCC or GND
±0.1
±1.0
±1.0
µA
Maximum Quiescent
Supply Leakage
Current
5
ICC
5.5V
VIN = VCC or GND
│IOUT│≤ 0µA
1
10
40
µA
≥ -55°C
25°C to 125°C
Additional Quiescent
Supply Current
5
ΔICC
5.5V
VIN = 2.4V,
Any One Input.
VIN = VCC or
GND,
Other Inputs
IOUT = 0µA
2.9
2.4
mA
4. -55˚C ≤ TJ ≤ +125˚C 5.  Total Supply Current = ICC + ΣΔICC.
AC Electrical Characteristics6
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
FULL RANGE
4
UNITS
25°C
85°C
Maximum
Propagation Delay,
Input A to Input Y
(Figure 1,2)
tPLH, tPHL
5V
±10%
CL = 50pF,
tr = tf = 6ns
19
24
28
ns
Maximum Output
Rise and Fall Time
(Figure 1,2)
tTLH, tTHL
5V
±10%
CL = 50pF,
tr = tf = 6ns
15
19
22
ns
Maximum Input
Capacitance
CIN
-
-
10
10
10
pF
TYPICAL
Power Dissipation
Capacitance
Per Gate
7
CPD
-
TJ = 25°C,
VCC =5.0V
15
pF
 
6. Not production tested in die form, characterized by chip design and tested in package.
7. Used to determine the no-load dynamic power consumption: PD = CPD VCC
2f + ICC VCC.
Page 4 of 5 
www.siliconsupplies.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn