Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

54HCT00 Datasheet(HTML) 1 Page - Silicon Supplies

Part No. 54HCT00
Description  Low Power Schottky Logic
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SS [Silicon Supplies]
Homepage  https://siliconsupplies.com/
Logo 

54HCT00 Datasheet(HTML) 1 Page - Silicon Supplies

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
 
 
 
Quad 2-Input NAND Gates with LSTTL compatible inputs in bare die form
Rev 1.0
07/02/19
High Speed CMOS TTL Input – 54HCT00
 
 
 
 
 
 
 
 
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 4.5V to 5.5V
TTL / CMOS compatible Input Levels
Function compatible with 54LS00
Full Military Temperature Range.
Features:
Ordering Information
54HCT00 provides x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
The device is fabricated using a 2.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. Internal circuitry comprises of 3 stages and includes
buffered outputs for high noise immunity and stability.
Device inputs directly accept both standard CMOS and
LSTTL outputs. All inputs are equipped with protection
circuits against static discharge and transient excess
voltage.
Description
Die Dimensions in µm (mils)
The following part suffixes apply:
1250 (49)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
 
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
 
LAT = Lot Acceptance Test.
 
For further information on LAT process flows see below.
 
www.siliconsupplies.com\quality\bare-die-lot-qualification
 
 
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
1250 x 350
49 x 53
µm
mils
Minimum Bond Pad Size
96 x 96
3.78 x 3.78
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
 
Sawn Wafer on Tape – On request
 
Unsawn Wafer – On request
 
Die Thickness <> 350µm(14 Mils) – On request
 
Assembled into Ceramic Package – On request
Page 1 of 5 
www.siliconsupplies.com


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn