Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

54HCT00 Datasheet(HTML) 2 Page - Silicon Supplies

Part No. 54HCT00
Description  Low Power Schottky Logic
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SS [Silicon Supplies]
Homepage  https://siliconsupplies.com/
Logo 

54HCT00 Datasheet(HTML) 2 Page - Silicon Supplies

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
Page 2 of 5 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
High Speed CMOS TTL Input – 54HCT00
Rev 1.0
07/02/19
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.104
0.354
2
1B
0.232
0.115
3
1Y
0.450
0.115
4
2A
0.658
0.115
5
2B
0.924
0.115
6
2Y
1.051
0.424
7
GND
1.051
0.595
8
3Y
1.051
0.830
9
3A
0.923
1.140
10
3B
0.658
1.140
11
4Y
0.450
1.140
12
4A
0.232
1.140
13
4B
0.104
0.900
14
VCC
0.104
0.637
CONNECT CHIP BACK TO VCC OR FLOAT
Pad Layout and Functions
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1A
1B
2A
2B
3A
3B
4A
4B
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y
Pad 14 = VCC
Pad 7 = GND
 
1250µm (49.21 mils)
0,0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DIE ID


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn