Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC123 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC123
Description  High Speed CMOS Logic
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC123 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC123 Datasheet HTML 1Page - Silicon Supplies 74HC123 Datasheet HTML 2Page - Silicon Supplies 74HC123 Datasheet HTML 3Page - Silicon Supplies 74HC123 Datasheet HTML 4Page - Silicon Supplies 74HC123 Datasheet HTML 5Page - Silicon Supplies 74HC123 Datasheet HTML 6Page - Silicon Supplies 74HC123 Datasheet HTML 7Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Die Size (Unsawn)
1900 x 1250
75 x 49
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High Speed CMOS Logic – 74HC123
Dual re-triggerable monostable multivibrator with reset in bare die form
Rev 1.0
06/10/19
Triggerable via positive or negative edge
Re-triggerable for very long pulses up to 100%
duty factor
Direct reset terminates output
Schmitt trigger action for A & B inputs
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL.
Features:
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54HC123
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74HC123 provides x2 monostable multivibrators each
containing two voltage edge trigger inputs, A (negative) & B
(positive) with Schmitt trigger action providing input
tolerance for slow rise/fall timing. An additional trigger
function can be executed via a positive edge signal on the
Reset pin (R). Triggered outputs maintain monostable state
for a base time period set by an external resistor Rx &
capacitor Cx (see Timing Requirements). Once triggered,
the basic output pulse width may be extended by re-
triggering A or B inputs. A negative edge on Reset breaks
monostable state. All unused mono inputs (A, B, & R) must
be set high or low.
Description
Die Dimensions in µm (mils)
1900 (75)
Ordering Information


Similar Part No. - 74HC123

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC123 PHILIPS-74HC123 Datasheet
124Kb / 17P
   Dual retriggerable monostable multivibrator with reset
1998 Jul 08
74HC123 NXP-74HC123 Datasheet
155Kb / 24P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-13 July 2009
74HC123 PHILIPS-74HC123 Datasheet
295Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 8-16 December 2011
logo
Nexperia B.V. All right...
74HC123 NEXPERIA-74HC123 Datasheet
322Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 12 - 11 August 2021
74HC123-Q100 NEXPERIA-74HC123-Q100 Datasheet
846Kb / 23P
   Dual retriggerable monostable multivibrator with reset
More results

Similar Description - 74HC123

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
[Old version datasheet]   HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC595 SS-54HC595_V01 Datasheet
1Mb / 9P
   High Speed CMOS Logic
Rev 1.2 22/12/21
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
   High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
   High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
   High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
   High Speed CMOS Logic
54HC00 SS-54HC00 Datasheet
372Kb / 5P
   High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
   High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
   High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
   High Speed CMOS Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com