Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43E06161V-75 Datasheet(PDF) 9 Page - AMIC Technology

Part # A43E06161V-75
Description  512K X 16 Bit X 2 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E06161V-75 Datasheet(HTML) 9 Page - AMIC Technology

Back Button A43E06161V-75 Datasheet HTML 5Page - AMIC Technology A43E06161V-75 Datasheet HTML 6Page - AMIC Technology A43E06161V-75 Datasheet HTML 7Page - AMIC Technology A43E06161V-75 Datasheet HTML 8Page - AMIC Technology A43E06161V-75 Datasheet HTML 9Page - AMIC Technology A43E06161V-75 Datasheet HTML 10Page - AMIC Technology A43E06161V-75 Datasheet HTML 11Page - AMIC Technology A43E06161V-75 Datasheet HTML 12Page - AMIC Technology A43E06161V-75 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
A43E06161
PRELIMINARY
(July, 2005, Version 0.1)
8
AMIC Technology, Corp.
Simplified Truth Table
Command
CKEn-1 CKEn
CS
RAS CAS
WE
DQM
BA A10/
AP
A9~A0
Notes
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1,2
Auto Refresh
H
3
Entry
H
L
L
L
L
H
X
X
3
L
H
H
H
3
Refresh
Self
Refresh
Exit
L
H
H
X
X
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Addr.
4
Auto Precharge Disable
L
4
Read &
Column Addr. Auto Precharge Enable
H
X
L
H
L
H
X
V
H
Column
Addr.
4,5
Auto Precharge Disable
L
4
Write &
Column Addr. Auto Precharge Enable
H
X
L
H
L
L
X
V
H
Column
Addr.
4,5
Burst Stop
H
X
L
H
H
L
X
X
Bank Selection
V
L
Precharge
Both Banks
H
X
L
L
H
L
X
X
H
X
L
H
H
H
Entry
H
L
H
X
X
X
X
Clock Suspend or
Active Power Down
Exit
L
H
X
X
X
X
X
X
L
H
H
H
Entry
H
L
H
X
X
X
X
L
V
V
V
Precharge Power Down Mode
Exit
L
H
H
X
X
X
X
X
DQM
H
X
V
X
6
L
H
H
H
No Operation Command
H
X
H
X
X
X
X
X
7
Deep Power Down Entry
H
L
L
H
H
L
X
X
Deep Power Down Exit
L
H
X
X
X
X
X
X
7
(V = Valid, X = Don’t Care, H = Logic High, L = Logic Low)
Note :
1. OP Code : Operand Code
A0~A10/AP,BA : Program keys. (@MRS)
2. MRS can be issued only at both banks precharge state.
A new command can be issued after 2 clock cycle of MRS.
3. Auto refresh functions as same as CBR refresh of DRAM.
The automatical precharge without Row precharge command is meant by “Auto”.
Auto/Self refresh can be issued only at both precharge state.
4. BA : Bank select address.
If “Low” at read, write, Row active and precharge, bank A is selected.
If “High” at read, write, Row active and precharge, bank B is selected.
If A10/AP is “High” at Row precharge, BA is ignored and both banks are selected.
5. During burst read or write with auto precharge, new read write command cannot be issued.
Another bank read write command can be issued at every burst length.
6. DQM sampled at positive going edge of a CLK masks the data-in at the very CLK (Write DQM latency is 0),
but makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2)
7. After Deep Power Down mode exit, a full new initialization of the memory device is mandatory.


Similar Part No. - A43E06161V-75

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43E06161 AMICC-A43E06161_15 Datasheet
554Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43E06161V-75

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616B AMICC-A43L0616B Datasheet
1Mb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
   512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
logo
A-Data Technology
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
   Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
Hynix Semiconductor
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
   2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
   2 Banks x 512K x 16 Bit Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com