Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1885C1H3R1WA01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd

Part # GRM1885C1H3R1WA01
Description  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM1885C1H3R1WA01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd

Back Button GRM1885C1H3R1WA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GRM1885C1H3R1WA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
■ Package
Tape Carrier Packaging
1.
Minimum Quantity (pcs./reel)
8
2. Dimensions of Tape (in mm)
(1)GRM188(W8P4 Code:D/J)
8
-
1.05+/-0.10
GRM18
Series
Code:D
4000(W8P4)
Code:J
10000(W8P4)
φ180mm Reel
PAPER Tape
φ330mm Reel
PAPER Tape
F
G
H
4.0+/-0.1
2.0+/-0.1
φ1.5+0.1/-0
C
B
D
E
J
4.0+/-0.1
1.75+/-0.1
GRM18
8.0+/-0.3
3.5+/-0.05
A
0.8+/-0.1
Dimensions(Chip)
L
W
T
1.85+/-0.10
0.8+/-0.1
1.6+/-0.1
Series
M
L
K
-
1.15 max.
0.15~0.4
A
B
J
H
F
G
C
D
E
K
 
GRM1885C1H3R1WA01-01A


Similar Part No. - GRM1885C1H3R1WA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1885C1H3R1BA01 MURATA1-GRM1885C1H3R1BA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H3R1BA01D MURATA1-GRM1885C1H3R1BA01D Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H3R1BA01J MURATA1-GRM1885C1H3R1BA01J Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H3R1CA01 MURATA1-GRM1885C1H3R1CA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1885C1H3R1CA01D MURATA1-GRM1885C1H3R1CA01D Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GRM1885C1H3R1WA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com