Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NBB2-8GM25-E2-V3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

Part No. NBB2-8GM25-E2-V3
Description  Inductive sensor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PF [Pepperl+Fuchs Inc.]
Homepage  https://www.pepperl-fuchs.com/
Logo 

NBB2-8GM25-E2-V3 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
1
Inductive sensor
NBB2-8GM25-E2-V3
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Model Number
NBB2-8GM25-E2-V3
Features
•2 mm flush
• Increased operating distance
• Extended temperature range
-40 ... +85 °C
Accessories
BF 8
Mounting flange, 8 mm
V3-GM
Female connector, M8, 3-pin, field attachable
V3-WM
Female connector, M8, 3-pin, field attachable
V3-WM-2M-PUR
Cable socket, M8, 3-pin, PUR cable
EXG-08
Quick mounting bracket with dead stop
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
PNP
Rated operating distance
sn
2 mm
Installation
flush
Output polarity
DC
Assured operating distance
sa
0 ... 1.62 mm
Actuating element
mild steel, e. g. 1.0037, SR235JR (formerly St37-2)
8 mm x 8 mm x 1 mm
Reduction factor rAl
0.4
Reduction factor rCu
0.3
Reduction factor r304
0.75
Reduction factor rBrass
0.45
Output type
3-wire
Nominal ratings
Operating voltage
UB
5 ... 30 V
Switching frequency
f
0 ... 6000 Hz
Hysteresis
H
typ. 5%
Reverse polarity protection
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 1.5 V
Operating current
IL
0 ... 100 mA
Off-state current
Ir
0 ... 0.2 mA
No-load supply current
I0
≤ 10 mA
Time delay before availability
tv
≤ 100 ms
Switching state indicator
Multihole-LED, yellow
Functional safety related parameters
MTTFd
960 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-40 ... 85 °C (-40 ... 185 °F)
Storage temperature
-40 ... 85 °C (-40 ... 185 °F)
Mechanical specifications
Connection type
Connector plug M8 x 1 , 3-pin
Housing material
brass, nickel-plated
Sensing face
LCP
Degree of protection
IP67
General information
Scope of delivery
2 hex nuts included
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source
CCC approval
CCC approval / marking not required for products rated ≤36 V
Dimensions
Electrical Connection
M8 x 1
M8 x 1
LED
13
1
L+
L-
4
3


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn