Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMB162AFC-1 Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMB162AFC-1
Description  LCD Module User Manual
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMB162AFC-1 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMB162AFC-1 Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMB162AFC-1 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TOPWAY
LCD Module User Manual
LMB162AFC-1
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMB162AFC-1-Manual-Rev0.1.DOC
Page: 3 of 3
1. Basic Specifications
1.1
Display Specifications
1) LCD Display Mode
: STN, Negative, Transmissive
2) Display Color
: Display Data = “1” : Light Gray (*1)
: Display Data = “0” : Dark Blue (*2)
3) Viewing Angle
: 12H
4) Driving Method
: 1/16 duty, 1/5 bias
5) Back Light
: White LED backlight
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.2
Mechanical Specifications
1) Outline Dimension
: 80.8 x 36.0 x 12.5MAX
(See attached Outline Drawing for details)
1.3
Block Diagram
1.4
Terminal Functions
Pin No.
Pin
Name
I/O
Descriptions
1
VSS
Power
Power supply, Ground (0V)
2
VDD
Power
Positive power supply
3
V0
Power
LCD Contrast Reference Input
4
RS
Input
Register Select
RS=HIGH: transferring display data
RS=LOW: transferring instruction data
5
R/W
Input
Read / Write Control bus:
R/W=HIGH: Read mode selected
R/W=LOW: Write mode selected
6
E
Input
Data Enable
7
DB0
:
:
14
DB7
I/O
Bi-directional tri-state Data bus
In 8 bit mode, DB0 ~ DB7 are in use
In 4 bit mode, DB4 ~ DB7 are in use, DB0~DB3 leave open
15
BLA
Power
Backlight positive supply
16
BLK
Power
Backlight negative supply
RS, R/W, E
VDD
DB0 – DB7
VSS
BLK
BLA
LCD Panel
16 x 2 Char (5x8dots)
ST7065
or
equivalent
ST7066U
or
equivalent
LED Backlight Circuit
V0


Similar Part No. - LMB162AFC-1

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMB162AFC-2 TOPWAY-LMB162AFC-2 Datasheet
154Kb / 1P
   Character Type LCD Module
LMB162AFC-2 TOPWAY-LMB162AFC-2 Datasheet
481Kb / 10P
   LCD Module User Manual
More results

Similar Description - LMB162AFC-1

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com