Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AT25160A-10PE-2.7 Datasheet(PDF) 18 Page - ATMEL Corporation

Part No. AT25160A-10PE-2.7
Description  SPI Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25160A-10PE-2.7 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT25160A-10PE-2.7 Datasheet HTML 12Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 13Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 14Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 15Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 16Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 17Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 18Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 19Page - ATMEL Corporation AT25160A-10PE-2.7 Datasheet HTML 20Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
AT25080A/160A/320A/640A
5082B–SEEPR–1/05
8S1 – JEDEC SOIC
1150 E. Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
TITLE
DRAWING NO.
R
REV.
Note:
10/7/03
8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing
Small Outline (JEDEC SOIC)
8S1
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.10
0.25
These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
A
1.35
1.75
b
0.31
0.51
C
0.17
0.25
D
4.80
5.00
E1
3.81
3.99
E
5.79
6.20
e
1.27 BSC
L
0.40
1.27
Top View
End View
Side View
e
B
D
A
A1
N
E
1
C
E1
L


Similar Part No. - AT25160A-10PE-2.7

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25160A-10PU-1.8 ATMEL-AT25160A-10PU-1.8 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25160A-10PU-2.7 ATMEL-AT25160A-10PU-2.7 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
More results

Similar Description - AT25160A-10PE-2.7

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
   SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
   SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
   SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
   SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
   SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
   SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
   SPI Serial EEPROMs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz