Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49FL004TL-33F Datasheet(PDF) 9 Page - AMIC Technology

Part # A49FL004TL-33F
Description  4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49FL004TL-33F Datasheet(HTML) 9 Page - AMIC Technology

Back Button A49FL004TL-33F Datasheet HTML 5Page - AMIC Technology A49FL004TL-33F Datasheet HTML 6Page - AMIC Technology A49FL004TL-33F Datasheet HTML 7Page - AMIC Technology A49FL004TL-33F Datasheet HTML 8Page - AMIC Technology A49FL004TL-33F Datasheet HTML 9Page - AMIC Technology A49FL004TL-33F Datasheet HTML 10Page - AMIC Technology A49FL004TL-33F Datasheet HTML 11Page - AMIC Technology A49FL004TL-33F Datasheet HTML 12Page - AMIC Technology A49FL004TL-33F Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
A49FL004
PRELIMINARY
(September, 2005, Version 0.0)
8
AMIC Technology, Corp.
Table 3: FWH Write Cycle
Figure 5: FWH Write Waveforms
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
START
IDSEL
IMADDR
IMSIZE
TAR0
TAR1
RSYNC
DATA
TAR0
TAR1
FWH4
FWH[3:0]
Clock
Cycle
Field
FWH[3:0]
Direction
Descriptions
1
START
1101
IN
Start of Cycle: “1101b” to indicate the start of a memory write cycle.
FWH4 must be active (low) for the part to respond. Only the last
start field (before FWH4 transitioning high) should be recognized.
The START field contents indicate an FWH write cycle.
2
IDSEL
0000 to 1111
IN
ID Select Cycle: Indicates which FWH device should respond. If the
IDSEL field matches the value set on ID[3:0] pins, then the particular
FWH device will respond to subsequent commands.
3-9
IMADDR
YYYY
IN
Address Cycle: This is the 28-bit memory address. The addressed
transfer most-significant nibble first and least-significant nibble last.
(i.e., a27-24 on FWH[3:0] first, and A3-A0 on FWH[3:0] last).
10
IMSIZE
0000
IN
Memory Size Cycle: Indicates how many bytes will be or transferred
during multi-byte operations. The A49FL004 only supports “0000b”
for one byte operation.
11-12
DATA
YYYY
IN
Data Cycles: The 8-bits data transferred with least-significant nibble
first and most-significant nibble last. (i.e., I/O3 – I/O0 on FWH[3:0]
first, then I/O7 – I/O4 on FWH[3:0] last).
13
TAR0
1111
IN
then Float
Turn-Around cycle 0: The master (Intel ICH) has driven the bus to
all”1”s and then float the bus.
14
TAR1
1111
(Float)
Float
then OUT
Turn-Around cycle 1: The device takes control of the bus during this
cycle.
15
RSYNC
0000
(Ready)
OUT
Ready Sync: The FWH device indicates that it has received the data
or command.
16
TAR0
1111
OUT
then Float
Turn-Around cycle 0: The FWH device has driven the bus to all “1”s
and then float the bus.
17
TAR1
1111
(Float)
Float
then IN
Turn-Around cycle 1: The master (Intel ICH) resumes control of the
bus during this cycle.


Similar Part No. - A49FL004TL-33F

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
   High Voltage Three Phase Gate Driver
A4900KLQTR-T ALLEGRO-A4900KLQTR-T Datasheet
746Kb / 17P
   High Voltage Three Phase Gate Driver
A4910 ALLEGRO-A4910 Datasheet
556Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4915 ALLEGRO-A4915 Datasheet
1Mb / 17P
   3-Phase MOSFET Driver
More results

Similar Description - A49FL004TL-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com