Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49FL004TL-33F Datasheet(PDF) 4 Page - AMIC Technology

Part # A49FL004TL-33F
Description  4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49FL004TL-33F Datasheet(HTML) 4 Page - AMIC Technology

  A49FL004TL-33F Datasheet HTML 1Page - AMIC Technology A49FL004TL-33F Datasheet HTML 2Page - AMIC Technology A49FL004TL-33F Datasheet HTML 3Page - AMIC Technology A49FL004TL-33F Datasheet HTML 4Page - AMIC Technology A49FL004TL-33F Datasheet HTML 5Page - AMIC Technology A49FL004TL-33F Datasheet HTML 6Page - AMIC Technology A49FL004TL-33F Datasheet HTML 7Page - AMIC Technology A49FL004TL-33F Datasheet HTML 8Page - AMIC Technology A49FL004TL-33F Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
A49FL004
PRELIMINARY
(September, 2005, Version 0.0)
3
AMIC Technology, Corp.
PIN CONFIGURATIONS
Figure 1: 32-Pin PLCC
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
21
22
23
24
25
26
27
28
29
12
13
11
8
9
5
7
6
I/O7
WE
32-pin PLCC
OE
NC
NC
GND
IC
10
GPI1
GPI0
WP
TBL
ID3
ID2
ID1
ID0
FWH0
IC
NC
NC
INIT
LFRAME
RES
RES
RES
RES
RES
NC
GND
A/A Mux
LPC
FWH
IC
NC
NC
INIT
FWH4
RES
NC
GND
NC
LAD0
GPI1
GPI0
WP
TBL
A/A Mux
LPC
FWH
VDD
VDD
VDD
Figure 2: 32-Pin TSOP
32-lead TSOP ( 8 MM X 14 MM )
Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
NC
GND
IC
A10
R/C
VD
D
RST
A9
A8
A7
A6
A5
A4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
I/O0
I/O2
VSS
I/O3
I/O4
I/O5
I/O6
I/O7
VDD
WE
OE
VD
D
NC
A/A Mux
LPC
FWH
NC
NC
GND
IC
GPI4
CLK
VD
D
RST
GPI3
GPI2
GPI1
GPI0
WP
TBL
VD
D
NC
NC
NC
GND
IC
GPI4
CLK
VD
D
RST
GPI3
GPI2
GPI1
GPI0
WP
TBL
VD
D
NC
A/A Mux
LPC
FWH
I/O1
A0
A1
A2
A3
RES
INIT
LFRAME
N
C
LAD3
LAD2
GND
LAD1
LAD0
RES
RES
RES
RES
RES
RES
RES
RES
INIT
LFRAME
NC
LAD3
LAD2
GND
LAD1
LAD0
RES
RES
RES
RES
RES
RES
RES


Similar Part No. - A49FL004TL-33F

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
   High Voltage Three Phase Gate Driver
A4900KLQTR-T ALLEGRO-A4900KLQTR-T Datasheet
746Kb / 17P
   High Voltage Three Phase Gate Driver
A4910 ALLEGRO-A4910 Datasheet
556Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
   Automotive 3-Phase MOSFET Driver
A4915 ALLEGRO-A4915 Datasheet
1Mb / 17P
   3-Phase MOSFET Driver
More results

Similar Description - A49FL004TL-33F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
   4 Mbit LPC Firmware Flash
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
   4 Mbit Firmware Hub
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
   4 Mbit Firmware Hub
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com