Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43P26161V-95UF Datasheet(PDF) 10 Page - AMIC Technology

Part # A43P26161V-95UF
Description  1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43P26161V-95UF Datasheet(HTML) 10 Page - AMIC Technology

Back Button A43P26161V-95UF Datasheet HTML 6Page - AMIC Technology A43P26161V-95UF Datasheet HTML 7Page - AMIC Technology A43P26161V-95UF Datasheet HTML 8Page - AMIC Technology A43P26161V-95UF Datasheet HTML 9Page - AMIC Technology A43P26161V-95UF Datasheet HTML 10Page - AMIC Technology A43P26161V-95UF Datasheet HTML 11Page - AMIC Technology A43P26161V-95UF Datasheet HTML 12Page - AMIC Technology A43P26161V-95UF Datasheet HTML 13Page - AMIC Technology A43P26161V-95UF Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
A43P26161
PRELIMINARY
(July, 2005, Version 1.1)
9
AMIC Technology, Corp.
Mode Register Filed Table to Program Modes
Register Programmed with MRS
Address
BS1
BS0
A11,A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Function
0
0
RFU
W.B.L
TM
CAS Latency
BT
Burst Length
(Note 3)
(Note 1)
(Note 2)
Test Mode
CAS Latency
Burst Type
Burst Length
A8
A7
Type
A6
A5
A4
Latency
A3
Type
A2
A1
A0
BT=0
BT=1
0
0
Mode Register Set
0
0
0
Reserved
0
Sequential
0
0
0
1
1
0
1
0
0
1
-
1
Interleave
0
0
1
2
2
1
0
0
1
0
2
0
1
0
4
4
1
1
Vendor
Use
Only
0
1
1
3
0
1
1
8
8
Write Burst Length
1
0
0
Reserved
1
0
0
Reserved
Reserved
A9
Length
1
0
1
Reserved
1
0
1
Reserved
Reserved
0
Burst
1
1
0
Reserved
1
1
0
Reserved
Reserved
1
Single Bit
1
1
1
Reserved
1
1
1
256(Full)
Reserved
Note :
1. RFU(Reserved for Future Use) should stay “0” during MRS cycle.
2. If A9 is high during MRS cycle, “Burst Read Single Bit Write” function will be enabled.
3. BS0, BS1 must be 0,0 to select the Mode Register (vs. the Extended Mode Register).
Extended Mode Register Table
BS1
BS0
A11, A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus (Ax)
1
0
All have to be set to “0”
DS
TCSR
PASR
(Note)
Driver Strength
Temperature-Compensated Self-Refresh:
Partial-Array Self Refresh:
Driver Strength
A4
A3
Max. Case Temp.
A6
A5
Driver Strength
0
0
70
°C
A2
A1
A0
Banks to be Self-Refreshed
0
0
Full
0
1
45
°C
0
0
0
All banks
0
1
1/2
1
0
15
°C
0
0
1
Bank A, Bank B
1
0
1/4
1
1
85
°C
0
1
0
Bank A
0
1
1
Reserved
1
0
0
Reserved
1
0
1
1/2 of Bank A
1
1
0
1/4 of Bank A
1
1
1
Reserved
Note:
BS1 and BS0 must be 1, 0 to select the Extended Mode Register (vs. the Mode Register)


Similar Part No. - A43P26161V-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
More results

Similar Description - A43P26161V-95UF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E26161 AMICC-A43E26161 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43E26161 AMICC-A43E26161 Datasheet
544Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com