Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A49LF040TX-33 Datasheet(PDF) 8 Page - AMIC Technology

Part # A49LF040TX-33
Description  4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A49LF040TX-33 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A49LF040TX-33 Datasheet HTML 4Page - AMIC Technology A49LF040TX-33 Datasheet HTML 5Page - AMIC Technology A49LF040TX-33 Datasheet HTML 6Page - AMIC Technology A49LF040TX-33 Datasheet HTML 7Page - AMIC Technology A49LF040TX-33 Datasheet HTML 8Page - AMIC Technology A49LF040TX-33 Datasheet HTML 9Page - AMIC Technology A49LF040TX-33 Datasheet HTML 10Page - AMIC Technology A49LF040TX-33 Datasheet HTML 11Page - AMIC Technology A49LF040TX-33 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
A49LF040
PRELIMINARY
(August, 2004, Version 0.1)
7
AMIC Technology, Corp.
Table 3: LPC Write Cycle
1. Field contents are valid on the rising edge of the present clock cycle.
LPC Write Waveforms
LCLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
START
ADDRESS
TAR0
TAR1
SYNC
DATA
TAR0
TAR1
LFRAME#
LAD[3:0]
CYCTYPE
+ DIR
Clock
Cycle
Field
Name
Field Contents
LAD[3:0]
1
LAD[3:0]
Direction
Comments
1
START
0000
IN
LFRAME# must be active (low) for the part to respond. Only the last
start field (before LFRAME# transitioning high) should be
recognized.
2
CYCTYPE
+ DIR
010X
IN
Indicates the type of cycle. Bits 3:2 must be “01b” for memory cycle.
Bit 1 indicates the type of transfer “1” for Write. Bit 0 is reserved.
3-10
ADDRESS
YYYY
IN
Address Phase for Memory Cycle. LPC protocol supports a 32-bit
address phase. YYYY is one nibble of the entire address.
Addresses are transferred most-significant nibble first. See Table 4
for address bits definition and Table 5 for valid memory address
range.
11
DATA
ZZZZ
IN
This field is the least-significant nibble of the data byte.
12
DATA
ZZZZ
IN
This field is the most-significant nibble of the data byte.
13
TAR0
1111
IN
then Float
In this clock cycle, the host has driven the bus to all ‘1’s and then
floats the bus. This is the first part of the bus “turnaround cycle.”
14
TAR1
1111(float)
Float
then OUT
The A49LF040 takes control of the bus during this cycle.
15
SYNC
0000
OUT
The A49LF040 outputs the values 0000, indicating that it has
received data or a flash command.
16
TAR0
1111
OUT
then Float
In this clock cycle, the A49LF040 has driven the bus to all ‘1’s and
then floats the bus. This is the first part of the bus “turnaround
cycle.”
17
TAR1
1111(float)
Float
then IN
Host resumes control of the bus during this cycle.


Similar Part No. - A49LF040TX-33

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33 AMICC-A49LF040ATL-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATL-33F AMICC-A49LF040ATL-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33 AMICC-A49LF040ATX-33 Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF040ATX-33F AMICC-A49LF040ATX-33F Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
More results

Similar Description - A49LF040TX-33

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
   4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
   4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
STMicroelectronics
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
   1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
logo
STMicroelectronics
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
logo
ATMEL Corporation
AT49LL080 ATMEL-AT49LL080 Datasheet
224Kb / 31P
   8-megabit Low-pin Count Flash Memory
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F49L040A ESMT-F49L040A Datasheet
393Kb / 41P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
F25L004A ESMT-F25L004A_09 Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com