Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT0408DI00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT0408DI00
Description  LOGIC LEVEL TRIAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FT0408DI00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT0408DI00 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT0408DI00 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT0408DI00 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT0408DI00 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FT04...I
LOGIC LEVEL TRIAC
Jul - 02
PART NUMBER INFORMATION
FAGOR
SCR
CURRENT
CASE
VOLTAGE
SENSITIVITY
F
T
04
07
B
I
00
FORMING
TU
PACKAGING
Gate Trigger Current
Off-State Leakage Current
Threshold Voltage
Dynamic Resistance
On-state Voltage
Gate Trigger Voltage
Gate Non Trigger Voltage
Holding Current
Latching Current
Critical Rate of Voltage Rise
PARAMETER
CONDITIONS
SENSITIVITY
Unit
SYMBOL
IGT
IDRM
VD = 12 VDC , RL = 30
Ω, T
j = 25 ºC
mA
mA
µA
V
m
V
V
V
mA
mA
V/µs
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MAX
MIN
MAX
MAX
MAX
MIN
/IRRM
VTM *
VGT
VGD
IH*
IL
dv / dt*
Rth(j-a)
Thermal Resistance
Junction-Ambient
VD = VDRM ,
Tj = 125 ºC
Tj = 25 ºC
VR = VRRM ,
IT = 5.5 Amp, tp = 380 µs, Tj = 25 ºC
VD = 12 VDC , RL = 30
Ω, T
j = 25 ºC
IT = 100 mA , Gate Open Tj = 25 ºC
IG = 1.2 IGT, Tj = 25 ºC
VD = 0.67 x VDRM , Gate open
Tj = 125 ºC
Quadrant
Q1÷Q3
Q4
Q1÷Q3
Q1÷Q3
Q1,Q3,Q4
Q2
VD = VDRM , RL = 3.3K
Ω, T
j = 125 ºC
ºC/W
ºC/W
(*) For either polarity of electrode MT2 voltage with reference to electrode MT1.
Rth(j-c)
Thermal Resistance
Junction-Case for AC
Vto
Rd
Tj = 125 ºC
Tj = 125 ºC
07
5
7
1
5
0.9
120
1.6
1.3
0.2
2.6
100
10
10
15
20
08
10
15
20
30
100
Electrical Characteristics


Similar Part No. - FT0408DI00

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0001 SSDI-FT0001 Datasheet
268Kb / 2P
   POWER MOSFET
FT0001 SSDI-FT0001_15 Datasheet
268Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004 Datasheet
61Kb / 2P
   POWER MOSFET
FT0004 SSDI-FT0004_15 Datasheet
61Kb / 2P
   N-CHANNEL POWER MOSFET
FT0006 SSDI-FT0006 Datasheet
50Kb / 2P
   POWER MOSFET
More results

Similar Description - FT0408DI00

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT1306-400D PHILIPS-BT1306-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
Z00607MA NXP-Z00607MA Datasheet
82Kb / 12P
   Triac logic level
Rev. 01-26 February 2008
BT1308-400D PHILIPS-BT1308-400D Datasheet
76Kb / 11P
   Logic level triac
Rev. 01-19 February 2004
logo
List of Unclassifed Man...
FT16 ETC-FT16 Datasheet
142Kb / 4P
   LOGIC LEVEL TRIAC
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6_12 Datasheet
195Kb / 5P
   LOGIC LEVEL TRIAC
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
Unisonic Technologies
MAC97A6 UTC-MAC97A6 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
UT131 UTC-UT131_15 Datasheet
278Kb / 5P
   TRIAC LOGIC LEVEL
logo
List of Unclassifed Man...
MAC97A6 ETC-MAC97A6 Datasheet
291Kb / 4P
   0.8A Logic level TRIAC
logo
STMicroelectronics
T1610T-8I STMICROELECTRONICS-T1610T-8I Datasheet
179Kb / 10P
   Logic level 16 A Triac
April 2012 Rev 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com