Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A63L8336E-2.6F Datasheet(PDF) 10 Page - AMIC Technology

Part # A63L8336E-2.6F
Description  256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L8336E-2.6F Datasheet(HTML) 10 Page - AMIC Technology

Back Button A63L8336E-2.6F Datasheet HTML 6Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 7Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 8Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 9Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 10Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 11Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 12Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 13Page - AMIC Technology A63L8336E-2.6F Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
A63L8336
PRELIMINARY
(July, 2005, Version 0.0)
9
AMIC Technology, Corp.
AC Characteristics (0°C ≤ TA ≤ 70°C, VCC = 3.3V+10% or 3.3V-5%)
Symbol
Parameter
-2.6
-2.8
-3.2
-3.5
-3.8
-4.2
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
tKC
Clock Cycle Time
4.0
-
4.4
-
5.0
-
6.0
-
6.7
-
7.5
-
ns
tKH
Clock High Time
1.7
-
2.0
-
2.0
-
2.2
-
2.5
-
3.0
-
ns
tKL
Clock Low Time
1.7
-
2.0
-
2.0
-
2.2
-
2.5
-
3.0
-
ns
tKQ
Clock to Output Valid
-
2.6
-
2.8
-
3.2
-
3.5
-
3.8
-
4.2
ns
tKQX
Clock to Output Invalid
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
tKQLZ
Clock to Output in Low-Z
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
1.5
-
ns
5, 6
tKQHZ
Clock to Output in High-Z
1.5
2.6
1.5
2.8
1.5
3.0
1.5
3.0
1.5
3.0
1.5
3.5
ns
5, 6
tOEQ
OE to Output Valid
-
2.6
-
2.8
-
3.2
-
3.5
-
3.8
-
4.2
ns
8
tOELZ
OE to Output in Low-Z
0
-
0
-
0
-
0
-
0
-
0
-
ns
5, 6
tOEHZ
OE to Output in High-Z
-
2.6
-
2.8
-
3.2
-
3.5
-
3.8
-
4.2
ns
5, 6
Setup Times
tAS
Address
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9
tADSS
Address Status
( ADSC , ADSP )
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9
tADVS
Address Advance
( ADV )
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9
tWS
Write Signals
( BW1 , BW2 , BW3 ,
BW4 , BWE , GW )
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9
tDS
Data-in
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9
tCES
Chip Enable ( CE , CE2,
CE2 )
1.2
-
1.4
-
1.4
-
1.5
-
1.5
-
1.5
-
ns
7, 9


Similar Part No. - A63L8336E-2.6F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E AMICC-A63L83361E Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5 AMICC-A63L83361E-6.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-6.5F AMICC-A63L83361E-6.5F Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361E-7.5 AMICC-A63L83361E-7.5 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L8336E-2.6F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P8336 AMICC-A63P8336 Datasheet
257Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com