Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1641ZD2I-25TDFN Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT1641ZD2I-25TDFN
Description  Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1641ZD2I-25TDFN Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1641ZD2I-25TDFN Datasheet HTML 2Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 3Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 4Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 5Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 6Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 7Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 8Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 9Page - Catalyst Semiconductor CAT1641ZD2I-25TDFN Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
CAT1640, CAT1641
Advance Information
Doc. No. 25082, Rev. 00
When
RESET I/O is driven to the active state, the 200
msec timer will begin to time the reset interval. If external
reset is shorter than 200 ms, Reset outputs will remain
active at least 200 ms.
Glitches shorter than 100 ns on
RESET input will not
generate a reset pulse.
Hardware Data Protection
The CAT1640/41 family has been designed to solve
many of the data corruption issues that have long been
associated with serial EEPROMs. Data corruption occurs
when incorrect data is stored in a memory location which
is assumed to hold correct data.
Whenever the device is in a Reset condition, the embedded
EEPROM is disabled for all operations, including write
operations. If the Reset output is active, in progress
communications to the EEPROM are aborted and no new
communications are allowed. In this condition an internal
write cycle to the memory can not be started, but an in
progress internal non-volatile memory write cycle can not
be aborted. An internal write cycle initiated before the
Reset condition can be successfully finished if there is
enough time (5ms) before VCC reaches the minimum
value of 2V.
DEVICE OPERATION
Reset Controller Description
The CAT1640/41 precision RESET controllers ensure
correct system operation during brownout and power
up/down conditions. They are configured with open-
drain
RESET/RESET outputs.
During power-up, the
RESET/RESET output remains
active until VCC reaches the VTH threshold and will
continue driving the outputs for approximately 200ms
(tPURST) after reaching VTH. After the tPURST timeout
interval, the device will cease to drive the reset output.
At this point the reset output will be pulled up or down by
their respective pull up/down resistors.
During power-down, the
RESET/RESET output will be
active when VCC falls below VTH. The RESET/RESET
output will be valid so long as VCC is >1.0V (VRVALID).
The device is designed to ignore the fast negative going
VCC transient pulses (glitches).
Reset output timing is shown in Figure 1.
Manual Reset Operation
The
RESET pin can operate as reset output and manual
reset input. The input is edge triggered; that is, the
RESET input will initiate a reset timeout after detecting
a high to low transition.
Figure 1. RESET/RESET Output Timing
GLITCH
t
VCC
PURST
t
PURST
t
RPD
t
RVALID
V
V
TH
RESET
RESET
RPD
t


Similar Part No. - CAT1641ZD2I-25TDFN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT1641ZD2I25GT3 ONSEMI-CAT1641ZD2I25GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1641ZD2I28GT3 ONSEMI-CAT1641ZD2I28GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1641ZD2I30GT3 ONSEMI-CAT1641ZD2I30GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1641ZD2I42GT3 ONSEMI-CAT1641ZD2I42GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
CAT1641ZD2I45GT3 ONSEMI-CAT1641ZD2I45GT3 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
More results

Similar Description - CAT1641ZD2I-25TDFN

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1640 CATALYST-CAT1640_07 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1640 ONSEMI-CAT1640 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320 Datasheet
496Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
logo
ON Semiconductor
CAT1320 ONSEMI-CAT1320 Datasheet
809Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
Doc. No. MD-3014, Rev. D
logo
Catalyst Semiconductor
CAT1320 CATALYST-CAT1320_08 Datasheet
143Kb / 18P
   Supervisory Circuits with I2C Serial 32K CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161J-42 ONSEMI-CAT1161J-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT1161WI-30-G ONSEMI-CAT1161WI-30-G Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com