Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A63L73361E-7.5 Datasheet(PDF) 11 Page - AMIC Technology

Part # A63L73361E-7.5
Description  128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L73361E-7.5 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A63L73361E-7.5 Datasheet HTML 7Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 8Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 9Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 10Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 11Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 12Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 13Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 14Page - AMIC Technology A63L73361E-7.5 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
A63L73361
PRELIMINARY
(July, 2005, Version 0.0)
10
AMIC Technology, Corp.
Notes:
1.
All voltages refer to GND.
2.
Overshoot:
VIH
≤ +2V for t ≤ tKC/2.
Undershoot: VIL
≥ -0.7V for t ≤ tKC/2.
Power-up:
VIH
≤ +2 and VCC ≤ 1.7V
for t
≤ 200ms
3.
ICC1 is given with no output current. ICC1 increases with greater output loading and faster cycle times.
4.
Test conditions assume the output loading shown in Figure 1, unless otherwise specified.
5.
For output loading, CL = 5pF, as shown in Figure 2. Transition is measured
±150mV from steady state voltage.
6.
At any given temperature and voltage condition, tKQHZ is less than tKQLZ and tOEHZ is less than tQELZ.
7.
A WRITE cycle is defined by at least one Byte Write enable LOW and ADSP HIGH for the required setup and hold
times. A READ cycle is defined by all byte write enables HIGH and ( ADSC or ADV LOW) or ADSP LOW for the
required setup and hold times.
8.
OE has no effect when a Byte Write enable is sampled LOW.
9.
This is a synchronous device. All addresses must meet the specified setup and hold times for all rising edges of CLK
when either ADSP or ADSC is LOW and the chip is enabled. All other synchronous inputs must meet the setup and
hold times with stable logic levels for all rising edges of clock (CLK) when the chip is enabled. Chip enable must be
valid at each rising edge of CLK when either ADSP or ADSC is LOW to remain enabled.
10. The load used for VOH, VOL testing is shown in Figure 2. AC load current is higher than the given DC values.
AC I/O curves are available upon request.
11. "Device Deselected" means device is in POWER-DOWN mode, as defined in the truth table. "Device Selected" means
device is active (not in POWER-DOWN mode).
12. MODE pin has an internal pulled-up, and ZZ pin has an internal pulled-down. All of then exhibit an input leakage
current of 10
µA.
13. Snooze (ZZ) input is recommended that users plan for four clock cycles to go into SLEEP mode and four clocks to
emerge from SLEEP mode to ensure no data is lost.


Similar Part No. - A63L73361E-7.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E AMICC-A63L7336E Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.6 AMICC-A63L7336E-2.6 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.6F AMICC-A63L7336E-2.6F Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.8 AMICC-A63L7336E-2.8 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results

Similar Description - A63L73361E-7.5

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com