Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5130-47-T21UF Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G5130-47-T21UF
Description  PSM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G5130-47-T21UF Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G5130-47-T21UF Datasheet HTML 1Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 2Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 3Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 4Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 5Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 6Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 7Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 8Page - Global Mixed-mode Technology Inc G5130-47-T21UF Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ver: 0.3 Preliminary
Jun 15, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G5130/G5131
Global Mixed-mode Technology Inc.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
OUTPUT
VOLTAGE (V)
TEMP.
RANGE
PACKAGE
G5130-30T11U
G5130-30T11Uf
EA30x
3.0
-40°C ~ +85°C
SOT-23-5
G5130-33T11U
G5130-33T11Uf
EA33x
3.3
-40°C ~ +85°C
SOT-23-5
G5130-42T11U
G5130-42T11Uf
EA42x
4.2
-40°C ~ +85°C
SOT-23-5
G5130-50T11U
G5130-50T11Uf
EA50x
5.0
-40°C ~ +85°C
SOT-23-5
G5130-30T21U
G5130-30T21Uf
5130Fx
3.0
-40°C ~ +85°C
SOT-89
G5130-33T21U
G5130-33T21Uf
5130Ix
3.3
-40°C ~ +85°C
SOT-89
G5130-42T21U
G5130-42T21Uf
5130Rx
4.2
-40°C ~ +85°C
SOT-89
G5130-50T21U
G5130-50T21Uf
5130Zx
5.0
-40°C ~ +85°C
SOT-89
G5131-30T11U
G5131-30T11Uf
EB30x
3.0
-40°C ~ +85°C
SOT-23-5
G5131-33T11U
G5131-33T11Uf
EB33x
3.3
-40°C ~ +85°C
SOT-23-5
G5131-42T11U
G5131-42T11Uf
EB42x
4.2
-40°C ~ +85°C
SOT-23-5
G5131-50T11U
G5131-50T11Uf
EB50x
5.0
-40°C ~ +85°C
SOT-23-5
G5131-30T21U
G5131-30T21Uf
5131Fx
3.0
-40°C ~ +85°C
SOT-89
G5131-33T21U
G5131-33T21Uf
5131Ix
3.3
-40°C ~ +85°C
SOT-89
G5131-42T21U
G5131-42T21Uf
5131Rx
4.2
-40°C ~ +85°C
SOT-89
G5131-50T21U
G5131-50T21Uf
5131Zx
5.0
-40°C ~ +85°C
SOT-89
For other output voltage, please contact us at sales@gmt.com.tw
Order Number Identification
GXXXX XX
XX X X
Packing Type
Pin Option
Package Type
Voltage Option
Part Number
G5130: Internal MOS (LX)
G5131: External MOS (EXT)
PACKAGE TYPE
PIN OPTION
PACKING
T1 : SOT-23-5
SOT89
SOT23-5
U & D: Tape & Reel Direction
T2 : SOT-89
1
2
3
1
2
3
4
5
G5130
1:GND
VOUT
LX
1: CE
VOUT
NC
GND
LX
G5131
1:GND
VOUT EXT
1: CE
VOUT
NC
GND EXT


Similar Part No. - G5130-47-T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130-47T11U GMT-G5130-47T11U Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
G5130-47T11UF GMT-G5130-47T11UF Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
G5130-47T21U GMT-G5130-47T21U Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
G5130-47T21UF GMT-G5130-47T21UF Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
More results

Similar Description - G5130-47-T21UF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5130 GMT-G5130_06 Datasheet
609Kb / 11P
   PSM Step-up DC/DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
   Step-Up DC/DC Converter
logo
Diodes Incorporated
AP1603 DIODES-AP1603_V01 Datasheet
278Kb / 8P
   STEP-UP DC-DC CONVERTER
Rev. 4 - 2 February 2014
AP1522 DIODES-AP1522 Datasheet
323Kb / 10P
   STEP-UP DC/DC CONVERTER
December 2017 Rev. 4 - 4
logo
Micon Design Technology...
MDT7733 MDTIC-MDT7733 Datasheet
63Kb / 3P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com