Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR05D221K Datasheet(PDF) 5 Page - Ceramate Technical

Part # GNR05D221K
Description  VARISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

GNR05D221K Datasheet(HTML) 5 Page - Ceramate Technical

  GNR05D221K Datasheet HTML 1Page - Ceramate Technical GNR05D221K Datasheet HTML 2Page - Ceramate Technical GNR05D221K Datasheet HTML 3Page - Ceramate Technical GNR05D221K Datasheet HTML 4Page - Ceramate Technical GNR05D221K Datasheet HTML 5Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TYPE
GNR05D□□□
□□□
□□□
□□□K
MODEL
PAGE
5/
5
CITATION
DATE
Dec. 27, 2001
SUBJECT
ELECTRICAL CHARACTERISTICS
REV.
B02
MAXIMUM
ALLOWABLE
VOLTAGE
VARISTOR
VOLTAGE
CLAMPING
VOLTAGE
(MAX.)
RATED
WATTAGE
(MAX.)
SURGE
CURRENT
(8/20μ
μ
μ
μs)
MAXIMUM
ENERGY
(10/1000μ
μ
μ
μs)
SURGE
LIFE
Itm(A)
PART
NUMBER
ACrms(V) DC(V)
(V)
(V)
Ip(A)
(W)
1 TIME
2 TIMES
Wtm(joule)
(A)
05D180K
11
14
16〜20
40
0.6
05D220K
14
18
20〜24
48
0.7
05D270K
17
22
24〜30
60
0.9
05D330K
20
26
30〜36
73
1.1
05D390K
25
31
35〜43
86
1.2
05D470K
30
38
42〜52
104
1.5
05D560K
35
45
50〜62
123
1.8
05D680K
40
56
61〜75
150
1
0.01
250
125
2.2
8
05D820K
50
65
74〜90
145
3.5
05D101K
60
85
90〜110
175
4.0
05D121K
75
100
108〜132
210
5.0
05D151K
95
125
135〜165
260
6.5
05D181K
115
150
162〜198
320
8.0
05D201K
130
170
185〜225
355
8.5
05D221K
140
180
198〜242
380
9.0
05D241K
150
200
216〜264
415
10.5
05D271K
175
225
247〜303
475
11.0
05D301K
190
250
270〜330
525
12.0
05D331K
210
275
297〜363
570
13.0
05D361K
230
300
324〜396
620
16.0
05D391K
250
320
351〜429
675
17.0
05D431K
275
350
387〜473
745
20.0
05D471K
300
385
423〜517
810
5
0.1
800
600
21.0
40


Similar Part No. - GNR05D221K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D221K CERAMATE-GNR05D221K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
More results

Similar Description - GNR05D221K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NFV20D201K ETC-NFV20D201K Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VR51B SHINDENGEN-VR51B Datasheet
125Kb / 1P
   Varistor
VR61F1 SHINDENGEN-VR61F1 Datasheet
282Kb / 6P
   Varistor
VRYA6 SHINDENGEN-VRYA6_10 Datasheet
399Kb / 2P
   Varistor
VR-61F1 SHINDENGEN-VR-61F1 Datasheet
375Kb / 2P
   Varistor
logo
Ceramate Technical
GNR07DK CERAMATE-GNR07DK Datasheet
61Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA6 SHINDENGEN-VRYA6 Datasheet
321Kb / 7P
   Varistor
logo
Ceramate Technical
GNR10D CERAMATE-GNR10D Datasheet
63Kb / 5P
   VARISTOR
logo
Shindengen Electric Mfg...
VRYA15 SHINDENGEN-VRYA15_10 Datasheet
580Kb / 2P
   Varistor
VRYA15 SHINDENGEN-VRYA15 Datasheet
320Kb / 7P
   Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com