Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A82DL1624TG-70I Datasheet(PDF) 9 Page - AMIC Technology

Part # A82DL1624TG-70I
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1624TG-70I Datasheet(HTML) 9 Page - AMIC Technology

Back Button A82DL1624TG-70I Datasheet HTML 5Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 6Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 7Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 8Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 9Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 10Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 11Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 12Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
8
AMIC Technology, Corp.
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register itself does
not occupy any addressable memory location. The register is
composed of latches that store the commands, along with
the address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1-1. Device Bus Operations – Flash Byte Mode (
BYTE_F = VIH)
Operation
(Notes 1, 2)
CE_F
E1_S
C
CE2_S
OE
WE
A0-
A19
LB_S
(Note3)
UB_S
(Note3)
RESET
WP /ACC
(Note 4)
I/O7
I/O0
I/O15
I/O0
H
X
Read from Flash
L
X
L
L
H
AIN
X
X
H
L/H
IOUT
IOUT
H
X
Write to Flash
L
X
L
H
L
AIN
X
X
H
(Note 4)
IIN
IIN
H
X
Standby
VCC ±
0.3 V
X
L
X
X
X
X
X
VCC ±
0.3 V
H
High-Z
High-Z
L
X
Output Disable
L
L
H
H
H
X
X
L
H
L/H
High-Z
High-Z
H
X
X
L
Flash Hardware
Reset
X
H
X
X
X
X
X
X
L
L/H
High-Z
High-Z
X
L
Sector Protect
(Notes)
L
H
X
H
L
SA,
A6 = L,
A1 = H,
A0 = L
X
X
VID
L/H
IIN
X
Sector Unprotect
(Note 5)
L
X
L
H
L
SA,
A6 = H,
A1 = H,
A0 = L
X
X
VID
(Note 6)
IIN
X
H
X
IIN
High-Z
Temporary
Sector Unprotect
X
X
L
X
X
AIN
X
X
VID
(Note 6)
IOUT
IOUT
H
L
High-Z
IOUT
L
H
IOUT
High-Z
Read from
SRAM
H
L
H
L
H
AIN
L
L
H
X
IIN
IIN
H
L
High-Z
IIN
Write to SRAM
H
L
H
X
L
AIN
L
H
H
X
IIN
High-Z
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In, IIN = Data In, IOUT = Data Out
Notes:
1.Other operations except for those indicated in this column are inhibited.
2.Do not apply CE_F = VIL, CE1_S = VIL and CE2_S = VIH at the same time.
3.Don’t care or open LB_S or UB_S .
4.The sector protect and sector unprotect functions may also be implemented via programming equipment. See the
“Sector/Sector Block Protection and Unprotection” section.
5. If
WP /ACC = VIL, the two outermost boot sectors remain protected. If WP /ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If
WP /ACC = VHH, all sectors will be unprotected.


Similar Part No. - A82DL1624TG-70I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1622 AMICC-A82DL1622 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70 AMICC-A82DL1622TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70F AMICC-A82DL1622TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70I AMICC-A82DL1622TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70IF AMICC-A82DL1622TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Similar Description - A82DL1624TG-70I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com