Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A82DL1624TG-70I Datasheet(PDF) 6 Page - AMIC Technology

Part # A82DL1624TG-70I
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1624TG-70I Datasheet(HTML) 6 Page - AMIC Technology

Back Button A82DL1624TG-70I Datasheet HTML 2Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 3Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 4Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 5Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 6Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 7Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 8Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 9Page - AMIC Technology A82DL1624TG-70I Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
5
AMIC Technology, Corp.
Flash Block Diagram
A0-A19
STATE
CONTROL
&
COMMAND
REGISTER
I/O0-I/O15
A0-A19
A0-A19
RESET
WE
CE_F
WP/ACC
RY/BY
Status
Control
BYTE_F
OE BYTE_F
Upper Bank Address
Lower Bank Address
I/O0-I/O15
Upper Bank
X-Decoder
Upper Bank
X-Decoder
VCC_F
VSS
OE
BYTE_F


Similar Part No. - A82DL1624TG-70I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1622 AMICC-A82DL1622 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70 AMICC-A82DL1622TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70F AMICC-A82DL1622TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70I AMICC-A82DL1622TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70IF AMICC-A82DL1622TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Similar Description - A82DL1624TG-70I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com