Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3205019 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3205019
Description  QTC 1,5
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3205019 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3205019 Datasheet HTML 1Page - PHOENIX CONTACT 3205019 Datasheet HTML 2Page - PHOENIX CONTACT 3205019 Datasheet HTML 3Page - PHOENIX CONTACT 3205019 Datasheet HTML 4Page - PHOENIX CONTACT 3205019 Datasheet HTML 5Page - PHOENIX CONTACT 3205019 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QTC 1,5 Order No.: 3205019
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3205019
PHOENIX CONTACT Inc., USA
Page 3 / 6
http://www.phoenixcon.com
Mar 25, 2010
Certification Ex:
IECEx, KEMA-EX
CSA
Nominal voltage UN
600 V
Nominal current IN
10 A
AWG/kcmil
24-16
CUL
Nominal voltage UN
600 V
Nominal current IN
10 A
AWG/kcmil
24-16
UL
Nominal voltage UN
600 V
Nominal current IN
10 A
AWG/kcmil
24-16
Accessories
Item
Designation
Description
Assembly
3206209
ATP-QTC
Partition plate, Length: 64.4 mm, Width: 2 mm, Height: 46 mm,
Color: gray
3022218
CLIPFIX 35
Snap-on end bracket, for 35 mm NS 35/7.5 or NS 35/15 DIN
rail, can be fitted with Zack strip ZB 8 and ZB 8/27, terminal strip
marker KLM 2 and KLM, width: 9.5 mm, color: gray
3022276
CLIPFIX 35-5
Snap-on end bracket, for NS 35/7.5 or NS 35/15 DIN rail, can be
fitted with Zack strip ZB 5 and ZBF 5, terminal strip marker KLM
2 and KLM, parking facility for FBS...5, FBS...6, KSS 5, KSS 6,
width: 5,15 mm, color: gray
3205161
D-QTC 1,5
End cover, Length: 58.8 mm, Width: 2.2 mm, Height: 39.3 mm,
Color: gray
1201442
E/UK
End clamp, for assembly on NS 32 or NS 35/7,5 DIN rail
0801762
NS 35/ 7,5 CU UNPERF
2000MM
DIN rail, material: Copper, unperforated, height 7.5 mm, width 35
mm, length: 2 m
0801733
NS 35/ 7,5 PERF 2000MM
DIN rail, material: Steel, galvanized and passivated with a thick
layer, perforated, height 7.5 mm, width 35 mm, length: 2 m
0801681
NS 35/ 7,5 UNPERF 2000MM
DIN rail, material: Steel, unperforated, height 7.5 mm, width 35
mm, length: 2 m
1201756
NS 35/15 AL UNPERF 2000MM
DIN rail, deep-drawn, high profile, unperforated, 1.5 mm thick,
material: Aluminum, height 15 mm, width 35 mm, length 2 m


Similar Part No. - 3205019

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
3205001051 MEDER-3205001051 Datasheet
214Kb / 3P
   Reed Relay
3205001151 MEDER-3205001151 Datasheet
194Kb / 3P
   Reed Relay
logo
PHOENIX CONTACT
3205020 PHOENIX-3205020 Datasheet
160Kb / 16P
   Fast connection terminal block - QTC 1,5 L BU
3205021 PHOENIX-3205021 Datasheet
160Kb / 16P
   Fast connection terminal block - QTC 1,5 L BK
3205022 PHOENIX-3205022 Datasheet
144Kb / 6P
   QTC 1,5 BU
More results

Similar Description - 3205019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3205145 PHOENIX-3205145 Datasheet
141Kb / 5P
   QTC 1,5-TG
3205035 PHOENIX-3205035 Datasheet
146Kb / 5P
   QTC 1,5-PE
3205077 PHOENIX-3205077 Datasheet
162Kb / 5P
   QTC 1,5-QUATTRO
3205022 PHOENIX-3205022 Datasheet
144Kb / 6P
   QTC 1,5 BU
3205103 PHOENIX-3205103 Datasheet
144Kb / 5P
   QTC 1,5-MT
3205048 PHOENIX-3205048 Datasheet
148Kb / 5P
   QTC 1,5-TWIN
3205093 PHOENIX-3205093 Datasheet
164Kb / 5P
   QTC 1,5-QUATTRO-PE
3205064 PHOENIX-3205064 Datasheet
160Kb / 5P
   QTC 1,5-TWIN-PE
3205080 PHOENIX-3205080 Datasheet
163Kb / 5P
   QTC 1,5-QUATTRO BU
3205051 PHOENIX-3205051 Datasheet
149Kb / 5P
   QTC 1,5-TWIN BU
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com