Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6648 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF6648
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6648 Datasheet(HTML) 3 Page - International Rectifier

  IRF6648 Datasheet HTML 1Page - International Rectifier IRF6648 Datasheet HTML 2Page - International Rectifier IRF6648 Datasheet HTML 3Page - International Rectifier IRF6648 Datasheet HTML 4Page - International Rectifier IRF6648 Datasheet HTML 5Page - International Rectifier IRF6648 Datasheet HTML 6Page - International Rectifier IRF6648 Datasheet HTML 7Page - International Rectifier IRF6648 Datasheet HTML 8Page - International Rectifier IRF6648 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRF6648
www.irf.com
3
Fig 1. Maximum Effective Transient Thermal Impedance, Junction-to-Case

Note
†
† Surface mounted on 1 in. square Cu, steady state (still air).
‡ Used double sided cooling, mounted on 1 in. square Cu board
PCB with small clip heatsink (still air).
Notes:
ˆ Rθ is measured at TJ of approximately 90°C.
Note
†
Note
‡
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
Ri (°C/W)
τi (sec)
0.17199 0.000044
0.67673 0.001660
0.54961 0.007649
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
τ
C
τ
C
Ci=
τi/Ri
Ci=
τi/Ri
Absolute Maximum Ratings
Parameter
Units
PD @TA = 25°C
Power Dissipation
h
W
PD @TA = 70°C
Power Dissipation
h
PD @TC = 25°C
Power Dissipation
f
TP
Peak Soldering Temperature
°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
hj
–––
45
RθJA
Junction-to-Ambient
ij
12.5
–––
°C/W
RθJC
Junction-to-Case
fj
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.0
–––
270
-40 to + 150
Max.
2.8
1.8
89


Similar Part No. - IRF6648

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6648 IRF-IRF6648 Datasheet
273Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6648PBF IRF-IRF6648PBF Datasheet
645Kb / 10P
   DirectFETPower MOSFET 
IRF6648PBF IRF-IRF6648PBF Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
logo
Infineon Technologies A...
IRF6648PBF INFINEON-IRF6648PBF Datasheet
560Kb / 10P
   Application Specific MOSFETs
2017-04-06
logo
International Rectifier
IRF6648PBF IRF-IRF6648PBF_15 Datasheet
645Kb / 10P
   Ideal for 24V input Primary Side Forward Converters
More results

Similar Description - IRF6648

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com