Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5827IN Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL5827IN
Description  Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5827IN Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL5827IN Datasheet HTML 5Page - Intersil Corporation ISL5827IN Datasheet HTML 6Page - Intersil Corporation ISL5827IN Datasheet HTML 7Page - Intersil Corporation ISL5827IN Datasheet HTML 8Page - Intersil Corporation ISL5827IN Datasheet HTML 9Page - Intersil Corporation ISL5827IN Datasheet HTML 10Page - Intersil Corporation ISL5827IN Datasheet HTML 11Page - Intersil Corporation ISL5827IN Datasheet HTML 12Page - Intersil Corporation ISL5827IN Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Definition of Specifications
Adjacent Channel Power Ratio, ACPR, is the ratio of the
average power in the adjacent frequency channel (or offset)
to the average power in the transmitted frequency channel.
Crosstalk, is the measure of the channel isolation from one
DAC to the other. It is measured by generating a sinewave in
one DAC while the other DAC is clocked with a static input,
and comparing the output power of each DAC at the
frequency generated.
Differential Linearity Error, DNL, is the measure of the
step size output deviation from code to code. Ideally the step
size should be one LSB. A DNL specification of one LSB or
less guarantees monotonicity.
EDGE, Enhanced Data for Global Evolution, a TDMA
standard for cellular applications which uses 200kHz BW,
8-PSK modulated carriers.
Full Scale Gain Drift, is measured by setting the data inputs
to be all logic high (all 1s) and measuring the output voltage
through a known resistance as the temperature is varied
from TMIN to TMAX. It is defined as the maximum deviation
from the value measured at room temperature to the value
measured at either TMIN or TMAX. The units are ppm of FSR
(full scale range) per °C.
Full Scale Gain Error, is the error from an ideal ratio of 32
between the output current and the full scale adjust current
(through RSET).
Gain Matching, is a measure of the full scale amplitude
match between the I and Q channels given the same input
pattern. It is typically measured with all 1s at the input to both
channels, and the full scale output voltage developed into
matching loads is compared for the I and Q outputs.
GSM, Global System for Mobile Communication, a TDMA
standard for cellular applications which uses 200kHz BW,
GMSK modulated carriers.
Integral Linearity Error, INL, is the measure of the worst
case point that deviates from a best fit straight line of data
values along the transfer curve.
Internal Reference Voltage Drift, is defined as the
maximum deviation from the value measured at room
temperature to the value measured at either TMIN or TMAX.
The units are ppm per °C.
Offset Drift, is measured by setting the data inputs to all
logic low (all 0s) and measuring the output voltage at IOUTA
through a known resistance as the temperature is varied
from TMIN to TMAX. It is defined as the maximum deviation
from the value measured at room temperature to the value
measured at either TMIN or TMAX. The units are ppm of FSR
(full scale range) per degree °C.
Offset Error, is measured by setting the data inputs to all logic
low (all 0s) and measuring the output voltage of IOUTA through
a known resistance. Offset error is defined as the maximum
deviation of the IOUTA output current from a value of 0mA.
Output Voltage Compliance Range, is the voltage limit
imposed on the output. The output impedance should be
chosen such that the voltage developed does not violate the
compliance range.
Power Supply Rejection, is measured using a single power
supply. The nominal supply voltage is varied ±10% and the
change in the DAC full scale output is noted.
Reference Input Multiplying Bandwidth, is defined as the
3dB bandwidth of the voltage reference input. It is measured
by using a sinusoidal waveform as the external reference
with the digital inputs set to all 1s. The frequency is
increased until the amplitude of the output waveform is
0.707 (-3dB) of its original value.
Spurious Free Dynamic Range, SFDR, is the amplitude
difference from the fundamental signal to the largest
harmonically or non-harmonically related spur within the
specified frequency window.
Total Harmonic Distortion, THD, is the ratio of the RMS
value of the fundamental output signal to the RMS sum of
the first five harmonic components.
UMTS, Universal Mobile Telecommunications System, a
W-CDMA standard for cellular applications which uses
3.84MHz modulated carriers.
Detailed Description
The ISL5827 is a dual 12-bit, current out, CMOS, digital to
analog converter. The maximum update rate is at least
260+MSPS and can be powered by a single power supply in
the recommended range of +3.0V to +3.6V. It consumes less
than 125mW of power per channel when using a +3.3V
supply, the maximum 20mA of output current, and the data
switching at 210MSPS. The architecture is based on a
segmented current source arrangement that reduces glitch
by reducing the amount of current switching at any one time.
In previous architectures that contained all binary weighted
current sources or a binary weighted resistor ladder, the
converter might have a substantially larger amount of current
turning on and off at certain, worst-case transition points
such as midscale and quarter scale transitions. By greatly
reducing the amount of current switching at these major
transitions, the overall glitch of the converter is dramatically
reduced, improving settling time, transient problems, and
accuracy.
Digital Inputs and Termination
The ISL5827 digital inputs are formatted as offset binary and
guaranteed to 3V LVCMOS levels. The internal register is
updated on the rising edge of the clock. To minimize
reflections, proper termination should be implemented. If the
lines driving the clock and the digital inputs are long 50
lines, then 50
Ω termination resistors should be placed as
ISL5827


Similar Part No. - ISL5827IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL5827IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5927 INTERSIL-ISL5927 Datasheet
675Kb / 13P
   Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com