Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5957 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL5957
Description  14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5957 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL5957 Datasheet HTML 5Page - Intersil Corporation ISL5957 Datasheet HTML 6Page - Intersil Corporation ISL5957 Datasheet HTML 7Page - Intersil Corporation ISL5957 Datasheet HTML 8Page - Intersil Corporation ISL5957 Datasheet HTML 9Page - Intersil Corporation ISL5957 Datasheet HTML 10Page - Intersil Corporation ISL5957 Datasheet HTML 11Page - Intersil Corporation ISL5957 Datasheet HTML 12Page - Intersil Corporation ISL5957 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN6080.1
November 12, 2004
Definition of Specifications
Adjacent Channel Power Ratio, ACPR, is the ratio of the
average power in the adjacent frequency channel (or offset)
to the average power in the transmitted frequency channel.
Differential Linearity Error, DNL, is the measure of the
step size output deviation from code to code. Ideally the step
size should be 1 LSB. A DNL specification of 1 LSB or less
guarantees monotonicity.
EDGE, Enhanced Data for Global Evolution, a TDMA
standard for cellular applications which uses 200kHz BW,
8-PSK modulated carriers.
Full Scale Gain Drift, is measured by setting the data inputs
to be all logic high (all 1s) and measuring the output voltage
through a known resistance as the temperature is varied
from TMIN to TMAX. It is defined as the maximum deviation
from the value measured at room temperature to the value
measured at either TMIN or TMAX. The units are ppm of FSR
(full scale range) per °C.
Full Scale Gain Error, is the error from an ideal ratio of 32
between the output current and the full scale adjust current
(through RSET).
GSM, Global System for Mobile Communication, a TDMA
standard for cellular applications which uses 200kHz BW,
GMSK modulated carriers.
Integral Linearity Error, INL, is the measure of the worst
case point that deviates from a best fit straight line of data
values along the transfer curve.
Internal Reference Voltage Drift, is defined as the
maximum deviation from the value measured at room
temperature to the value measured at either TMIN or TMAX.
The units are ppm per °C.
Offset Drift, is measured by setting the data inputs to all
logic low (all 0s) and measuring the output voltage at IOUTA
through a known resistance as the temperature is varied
from TMIN to TMAX. It is defined as the maximum deviation
from the value measured at room temperature to the value
measured at either TMIN or TMAX. The units are ppm of FSR
(full scale range) per degree °C.
Offset Error, is measured by setting the data inputs to all
logic low (all 0s) and measuring the output voltage of IOUTA
through a known resistance. Offset error is defined as the
maximum deviation of the IOUTA output current from a value
of 0mA.
Output Voltage Compliance Range, is the voltage limit
imposed on the output. The output impedance should be
chosen such that the voltage developed does not violate the
compliance range.
Power Supply Rejection, is measured using a single power
supply. The nominal supply voltage is varied ±10% and the
change in the DAC full scale output is noted.
Reference Input Multiplying Bandwidth, is defined as the
3dB bandwidth of the voltage reference input. It is measured
by using a sinusoidal waveform as the external reference
with the digital inputs set to all 1s. The frequency is
increased until the amplitude of the output waveform is
0.707 (-3dB) of its original value.
Spurious Free Dynamic Range, SFDR, is the amplitude
difference from the fundamental signal to the largest
harmonically or non-harmonically related spur within the
specified frequency window.
Total Harmonic Distortion, THD, is the ratio of the RMS
value of the fundamental output signal to the RMS sum of
the first five harmonic components.
UMTS, Universal Mobile Telecommunications System, a
W-CDMA standard for cellular applications which uses
3.84MHz modulated carriers.
Detailed Description
The ISL5957 is a 14-bit, current out, CMOS, digital to analog
converter. The maximum update rate is at least 260+MSPS
and can be powered by a single power supply in the
recommended range of +3.0V to +3.6V. It consumes less
than 120mW of power when using a +3.3V supply, the
maximum 20mA of output current, and the data switching at
210MSPS. The architecture is based on a segmented
current source arrangement that reduces glitch by reducing
the amount of current switching at any one time. In previous
architectures that contained all binary weighted current
sources or a binary weighted resistor ladder, the converter
might have a substantially larger amount of current turning
on and off at certain, worst-case transition points such as
midscale and quarter scale transitions. By greatly reducing
the amount of current switching at these major transitions,
the overall glitch of the converter is dramatically reduced,
improving settling time, transient problems, and accuracy.
Digital Inputs and Termination
The ISL5957 digital inputs are guaranteed to 3V LVCMOS
levels. The internal register is updated on the rising edge of
the clock. To minimize reflections, proper termination should
be implemented. If the lines driving the clock and the digital
inputs are long 50
Ω lines, then 50Ω termination resistors
should be placed as close to the converter inputs as possible
connected to the digital ground plane (if separate grounds
are used). These termination resistors are not likely needed
as long as the digital waveform source is within a few inches
of the DAC. For pattern drivers with very high speed edge
rates, it is recommended that the user consider series
termination (50-200
Ω) prior to the DAC’s inputs in order to
reduce the amount of noise.
Power Supply
Separate digital and analog power supplies are
recommended. The allowable supply range is +2.7V to
+3.6V. The recommended supply range is +3.0 to 3.6V
ISL5957


Similar Part No. - ISL5957

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5957IAZ INTERSIL-ISL5957IAZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
logo
Renesas Technology Corp
ISL5957IAZ RENESAS-ISL5957IAZ Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5957

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5927 INTERSIL-ISL5927 Datasheet
675Kb / 13P
   Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com