Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5957IA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL5957IA
Description  14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5957IA Datasheet(HTML) 2 Page - Intersil Corporation

  ISL5957IA Datasheet HTML 1Page - Intersil Corporation ISL5957IA Datasheet HTML 2Page - Intersil Corporation ISL5957IA Datasheet HTML 3Page - Intersil Corporation ISL5957IA Datasheet HTML 4Page - Intersil Corporation ISL5957IA Datasheet HTML 5Page - Intersil Corporation ISL5957IA Datasheet HTML 6Page - Intersil Corporation ISL5957IA Datasheet HTML 7Page - Intersil Corporation ISL5957IA Datasheet HTML 8Page - Intersil Corporation ISL5957IA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6080.1
November 12, 2004
Typical Applications Circuit
Functional Block Diagram
D11 (3)
D10 (4)
D9 (5)
D8 (6)
D7 (7)
D6 (8)
D5 (9)
D4 (10)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL5957
DVDD (27)
0.1
µF
10
µF
(20) ACOM
50
(15) SLEEP
(17) REFIO
0.1
µF
1.91k
FERRITE
10
µH
(23) COMP
0.1
µF
+
BEAD
RSET
D3
D2
D1
D0
D3 (11)
D2 (12)
D1 (13)
D0 (LSB) (14)
0.1
µF
10
µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10
µF
D13 (1)
D12 (2)
D13
D12
+3.3V (VDD)
50
(50
Ω)
1:1, Z1:Z2
ONE CONNECTION
ANY 50
Ω LOAD
REPRESENTS
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
40
40
31 MSB
SEGMENTS
9 LSBs
+
COMP
IOUTA
IOUTB
D10
D11
D12
(MSB) D13
INPUT
LATCH
REFLO
FSADJ
SLEEP
ISL5957


Similar Part No. - ISL5957IA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5957IAZ INTERSIL-ISL5957IAZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
logo
Renesas Technology Corp
ISL5957IAZ RENESAS-ISL5957IAZ Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5957IA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5927 INTERSIL-ISL5927 Datasheet
675Kb / 13P
   Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com