Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5322104CKU Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KMM5322104CKU
Description  2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322104CKU Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button KMM5322104CKU Datasheet HTML 4Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 5Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 6Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 7Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 8Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 9Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 10Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 11Page - Samsung semiconductor KMM5322104CKU Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DRAM MODULE
KMM5322104CKU/CKUG
tDOH
HYPER PAGE READ CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
COLUMN
ADDRESS
ROW
ADDR
tRASP
tRP
tRCD
tASR
tCRP
Don
′t care
Undefined
VOH -
VOL -
DQ
COLUMN
ADDRESS
tCAS
tCAS
tCAS
tCAS
tCP
tCP
tCP
tHPC
tHPC
tHPC
tRHCP
tCSH
tRAD
tRAH tASC
tCAH
tCAH
tCAH
tASC
tCAH
tRCS
tAA
tRCH
tASC
COLUMN
ADDRESS
COLUMN
ADDR
VALID
DATA-OUT
tAA
tCAC
tAA
tCPA
tCPA
VALID
DATA-OUT
VALID
DATA-OUT
tCLZ
tRAC
tCAC
tRRH
tREZ
tCAC
tCPA
tCAC
¡ó
tASC
tAA
tDOH
VALID
DATA-OUT
tDOH


Similar Part No. - KMM5322104CKU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322200C2WG SAMSUNG-KMM5322200C2WG Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322204C2WG SAMSUNG-KMM5322204C2WG Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
More results

Similar Description - KMM5322104CKU

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM372C213CK SAMSUNG-KMM372C213CK Datasheet
430Kb / 19P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM372F213CS SAMSUNG-KMM372F213CS Datasheet
455Kb / 20P
   2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com