Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM5322200C2W Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM5322200C2W
Description  2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322200C2W Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM5322200C2W Datasheet HTML 1Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 2Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 3Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 4Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 5Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 6Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 7Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 8Page - Samsung semiconductor KMM5322200C2W Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DRAM MODULE
KMM5322200C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 5 -
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In I CC1 and ICC3, address can be changed maximum once while
RAS=VIL. In ICC4,
address can be changed maximum once within one page mode cycle,
tPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for in
tended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to V SS
Voltage on V CC supply relative to V SS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +150
4
50
V
V
°C
W
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to V SS, TA = 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC.
*2 : -2.0V/ 20ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0*2
5.0
0
-
-
5.5
0
VCC+1*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM5322200C2W/C2WG
Unit
Min
Max
ICC1
-5
-6
-
-
304
284
mA
mA
ICC2
Don
′t care
-
8
mA
ICC3
-5
-6
-
-
304
284
mA
mA
ICC4
-5
-6
-
-
184
164
mA
mA
ICC5
Don
′t care
-
4
mA
ICC6
-5
-6
-
-
304
284
mA
mA
II(L)
IO(L)
Don
′t care
-20
-10
20
10
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * ( RAS, LCAS or UCAS, Address cycling @
tRC=min)
: Standby Current ( RAS=LCAS=UCAS=W=VIH)
: RAS Only Refresh Current * ( LCAS=UCAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * ( RAS=VIL, LCAS or UCAS cycling :
tPC=min)
: Standby Current ( RAS=LCAS=UCAS=W=Vcc-0.2V)
: CAS-Before- RAS Refresh Current * ( RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (I OH = -5mA)
: Output Low Voltage Level (I OL = 4.2mA)


Similar Part No. - KMM5322200C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322204C2WG SAMSUNG-KMM5322204C2WG Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
More results

Similar Description - KMM5322200C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5328004CSW SAMSUNG-KMM5328004CSW Datasheet
440Kb / 21P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com