Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54LVTH162245RPFS Datasheet(PDF) 1 Page - Maxwell Technologies

Part # 54LVTH162245RPFS
Description  16-Bit Bus Transceivers with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

54LVTH162245RPFS Datasheet(HTML) 1 Page - Maxwell Technologies

  54LVTH162245RPFS Datasheet HTML 1Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 2Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 3Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 4Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 5Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 6Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 7Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 8Page - Maxwell Technologies 54LVTH162245RPFS Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
All data sheets are subject to change without notice
(858) 503-3300 - Fax: (858) 503-3301 - www.maxwell.com
16-Bit Bus Transceivers with
54LVTH162245
©2002 Maxwell Technologies
All rights reserved.
3-State Outputs
11.15.02 Rev 2
/
/
/
/
FEATURES:
• A-Port outputs have equivalent 22-
series resistors, so
no external resistors are required
• Support mixed-mode signal operation (5V input and output
voltages with 3.3V V
CC)
• Support unregulated battery operation down to 2.7V
•Typical V
OLP (output ground bounce) < 0.8V at VCC =3.3V,
T
A =25
°C
•I
OFF and power-up 3-state support hot insertion
• Bus hold on data inputs eliminates the need for external
pullup/pulldown resistors
• Distributed V
CC and GND pin configuration minimizes high-
speed switching noise
• Flow-through architecture optimizes PCB layout
• Total dose hardness:
- > 100 krad (Si), depending upon space mission
• Package: 48 pin RAD-PAK® flat pack
DESCRIPTION:
Maxwell Technologies’ 54LVTH162245 devices are 16-bit
(dual-octal) non-inverting 3-state transceivers designed for
low-voltage (3.3V) V
CC operation, but with the capability to
provide a TTL interface to a 5V system environment. These
devices can be used as two 8-bit transceivers or one 16-bit
transceiver. The devices allow data transmission from the A
bus to the B bus or form the B bus to the A bus, depending on
the logic level at the direction-control (DIR) input. The output
enable (OE) input can be used to disable the device so that
the buses are effectively isolated. The A-port outputs, which
are designed to source or sink up to 12 mA, include equivalent
22-
series resistors to reduce overshoot and undershoot.
Maxwell Technologies' patented RAD-PAK® packaging technol-
ogy incorporates radiation shielding in the microcircuit pack-
age. It eliminates the need for box shielding while providing
the required radiation shielding for a lifetime in orbit or space
mission. In a GEO orbit, RAD-PAK provides greater than 100
krad (Si) radiation dose tolerance. This product is available
with screening up to Class S.
Logic Diagram


Similar Part No. - 54LVTH162245RPFS

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
54LVTH162244 MAXWELL-54LVTH162244 Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPF MAXWELL-54LVTH162244RPF Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFB MAXWELL-54LVTH162244RPFB Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFE MAXWELL-54LVTH162244RPFE Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
54LVTH162244RPFI MAXWELL-54LVTH162244RPFI Datasheet
214Kb / 9P
   16-Bit Buffers/Drivers with 3-State Outputs
More results

Similar Description - 54LVTH162245RPFS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16623 TI-54ACT16623_08 Datasheet
302Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16623 TI-SN54ABT16623_08 Datasheet
315Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640 Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16640 TI-54AC16640 Datasheet
116Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com