Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX273WM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LCX273WM
Description  Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LCX273WM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74LCX273WM Datasheet HTML 1Page - National Semiconductor (TI) 74LCX273WM Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TLF12640
ADVANCE INFORMATION
November 1996
74LCX273
Low-Voltage Octal D Flip-Flop
with 5V Tolerant Inputs and Outputs
General Description
The LCX273 has eight edge-triggered D-type flip-flops with
individual D inputs and Q outputs The common buffered
Clock (CP) and Master Reset (MR) input load and reset
(clear) all flip-flops simultaneously
The register is fully edge-triggered The state of each D in-
put one setup time before the LOW-to-HIGH clock tran-
sition is transferred to the corresponding flip-flop’s Q out-
put
All outputs will be forced LOW independently of Clock or
Data inputs by a LOW voltage level on the MR input The
device is useful for applications where the true output only is
required and the Clock and Master Reset are common to all
storage elements
The device is designed for low voltage (33V) VCC applica-
tions with capability of interfacing to a 5V signal environ-
ment The LCX273 is fabricated with an advanced CMOS
technology to achieve high speed operation while maintain-
ing CMOS low power dissipation
Features
Y
5V tolerant inputs and outputs
Y
10 mAICCQ max
Y
Power-down high impedance inputs and outputs
Y
Supports live insertionwithdrawal
Y
20V – 36V VCC supply operation
Y
g
24 mA output drive
Y
Implements patented Quiet SeriesTM noiseEMI
reduction circuitry
Y
Functionally compatible with the 74 series 273
Y
Latch-up performance exceeds 500 mA
Y
ESD performance
Human Body Model l 2000V
Machine Model l 200V
Logic Symbols
TLF12640 – 1
IEEEIEC
TLF12640 – 2
Connection Diagram
Pin Assignment for
SOIC SSOP and TSSOP
TLF12640 – 3
Pin Names
Description
D0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q0–Q7
Data Outputs
SOIC JEDEC
SOIC EIAJ
SSOP Type II
TSSOP JEDEC
Order Number
74LCX273WM
74LCX273SJ
74LCX273MSA
74LCX273MTC
74LCX273WMX
74LCX273SJX
74LCX273MSAX
74LCX273MTCX
See NS Package Number
M20B
M20D
MSA20
MTC20
TRI-STATE
is a registered trademark of National Semiconductor Corporation
Quiet SeriesTM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Similar Part No. - 74LCX273WM

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
74LCX273FT TOSHIBA-74LCX273FT Datasheet
216Kb / 12P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-09-26 Rev.3.0
More results

Similar Description - 74LCX273WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374 Datasheet
554Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com