Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74A5-50T Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74A5-50T
Description  Serial Digital Temperature Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74A5-50T Datasheet(HTML) 4 Page - ON Semiconductor

  MC74A5-50T Datasheet HTML 1Page - ON Semiconductor MC74A5-50T Datasheet HTML 2Page - ON Semiconductor MC74A5-50T Datasheet HTML 3Page - ON Semiconductor MC74A5-50T Datasheet HTML 4Page - ON Semiconductor MC74A5-50T Datasheet HTML 5Page - ON Semiconductor MC74A5-50T Datasheet HTML 6Page - ON Semiconductor MC74A5-50T Datasheet HTML 7Page - ON Semiconductor MC74A5-50T Datasheet HTML 8Page - ON Semiconductor MC74A5-50T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74
http://onsemi.com
4
DETAILED OPERATING DESCRIPTION
The
MC74
acquires
and
converts
temperature
information from its integrated solid state sensor with a
basic accuracy of
±1°C . It stores the data in an internal
register which is read through the serial port. The system
interface is a slave SMBus. The temperature data can be
read at any time through the SMBus port. Eight SMBus
addresses are programmable for the MC74, which allows for
a multi–sensor configuration. Also, there is low–power
Standby mode where temperature acquisition is suspended.
Standby Mode
The MC74 allows the host to put it into a low power (IDD
= 5
µA, typical) Standby mode. In this mode, the A/D
converter is halted and the temperature data registers are
frozen. The SMBus port operates normally. Standby mode
is enabled by setting the SHDN bit in the CONFIG register.
The table below summarizes this operation.
Standby Mode Operation
SHDN Bit
Operating Mode
0
Normal
1
Standby
SMBus Slave Address
The MC74 is internally programmed to have a default
SMBus address value of 1001 101b. Seven other addresses
are available by custom order (contact factory).
SERIAL PORT OPERATION
The Serial Clock input (SCL) and bi–directional data port
(SDA) form a 2–wire bi–directional serial port for
programming and interrogating the MC74. The following
conventions are used in this bus architecture:
MC74 Serial Bus Conventions
Term
Explanation
Transmitter The device sending data to the bus.
Receiver
The device receiving data from the bus.
Master
The device which controls the bus: initiating
transfers (START), generating the clock, and
terminating transfers (STOP).
Slave
The device addressed by the master.
Start
A unique condition signaling the beginning
of a transfer indicated by SDA falling (High
— Low) while SCL is high.
Stop
A unique condition signaling the end of a
transfer indicated by SDA rising (Low —
High) while SCL is high.
ACK
A receiver acknowledges the receipt of
each byte with this unique condition. The
receiver drives SDA low during SCL high
of the ACK clock–pulse. The Master pro-
vides the clock pulse for the ACK cycle.
Busy
Communication is not possible because
the bus is in use.
NOT Busy
When the bus is idle, both SDA and SCL
will remain high.
Data Valid
The state of SDA must remain stable dur-
ing the High period of SCL in order for a
data bit to be considered valid. SDA only
changes state while SCL is low during nor-
mal data transfers (see Start and Stop
conditions).
All transfers take place under control of a host, usually
a CPU or microcontroller, acting as the Master which
provides the clock signal for all transfers.
The MC74
always operates as a Slave. The serial protocol is illustrated
in Figure 1. All data transfers have two phases; all bytes are
transferred MSB first. Accesses are initiated by a start
condition (START), followed by a device address byte and
one or more data bytes. The device address byte includes a
Read/Write selection bit. Each access must be terminated by
a Stop Condition (STOP).
A convention called
Acknowledge (ACK) confirms receipt of each byte. Note
that SDA can change only during periods when SCL is LOW
(SDA changes while SCL is HIGH are reserved for Start and
Stop Conditions).


Similar Part No. - MC74A5-50T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC00 MOTOROLA-MC74AC00 Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00 ONSEMI-MC74AC00 Datasheet
90Kb / 8P
   Quad 2-Input NAND Gate
January, 2015 ??Rev. 10
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00D ONSEMI-MC74AC00D Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
More results

Similar Description - MC74A5-50T

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
   Digital Temperature Sensor
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
   Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
   Digital Temperature Sensor
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
   Digital Temperature Sensor
logo
ATMEL Corporation
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
   Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
   Digital Temperature Sensor
logo
Humirel
TSYS01 HUMIREL-TSYS01 Datasheet
359Kb / 9P
   Digital Temperature Sensor
logo
ams AG
AS6221T AMSCO-AS6221T Datasheet
1Mb / 37P
   Digital Temperature Sensor
v1-00 2022-Apr-08
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01_17 Datasheet
157Kb / 3P
   Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com