Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1205IRGER Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1205IRGER
Description  TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1205IRGER Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1205IRGER Datasheet HTML 6Page - Texas Instruments ADS1205IRGER Datasheet HTML 7Page - Texas Instruments ADS1205IRGER Datasheet HTML 8Page - Texas Instruments ADS1205IRGER Datasheet HTML 9Page - Texas Instruments ADS1205IRGER Datasheet HTML 10Page - Texas Instruments ADS1205IRGER Datasheet HTML 11Page - Texas Instruments ADS1205IRGER Datasheet HTML 12Page - Texas Instruments ADS1205IRGER Datasheet HTML 13Page - Texas Instruments ADS1205IRGER Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADS1205
SBAS312A − JANUARY 2005 − REVISED APRIL 2005
www.ti.com
10
TYPICAL CHARACTERISTICS (continued)
AVDD = 5V, BVDD = 3V, CH x+ = 0.5V to 4.5V, CH x− = 2.5V, REFIN = REFOUT = internal +2.5V, CLKIN = 20MHz, and 16-bit Sinc3 filter with
decimation by 256, unless otherwise noted.
Figure 14
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs TEMPERATURE
(CLKIN = 20MHz)
60
−40
−20
20
40
0
THD
SFDR
80
100
Temperature (
_C)
105
103
101
99
97
95
93
91
89
87
85
−105
−103
−101
−99
−97
−95
−93
−91
−89
−87
−85
4V
PP
5kHz
Figure 15
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs TEMPERATURE
(CLKIN = 32MHz)
60
−40
−20
20
40
0
THD
SFDR
80
100
Temperature (
_C)
105
103
101
99
97
95
93
91
89
87
85
−105
−103
−101
−99
−97
−95
−93
−91
−89
−87
−85
4V
PP
5kHz
Figure 16
SIGNAL−TO−NOISE AND DISTORTION AND
SIGNAL−TO−NOISE RATIO vs INPUT FREQUENCY
(CLKIN = 20MHz)
100
1k
100k
Input Frequency (kHz)
100
98
96
94
92
90
88
86
84
82
80
SINAD
SNR
OSR = 256
Sinc3 Filter
Figure 17
SIGNAL−TO−NOISE AND DISTORTION AND
SIGNAL−TO−NOISE RATIO vs INPUT FREQUENCY
(CLKIN = 32MHz)
100
1k
10k
100k
Input Frequency (kHz)
100
95
90
85
80
SNR
SINAD
OSR = 256
Sinc3 Filter
Figure 18
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs INPUT FREQUENCY
(CLKIN = 20MHz)
10k
100
1k
100k
Input Frequency (Hz)
120
110
100
90
80
−120
−110
−100
−90
−80
THD
SFDR
OSR = 256
Sinc3 Filter
Figure 19
SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs INPUT FREQUENCY
(CLKIN = 32MHz)
10k
100
1k
100k
Input Frequency (Hz)
120
110
100
90
80
−120
−110
−100
−90
−80
THD
SFDR
OSR = 256
Sinc3 Filter


Similar Part No. - ADS1205IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1205IRGER TI1-ADS1205IRGER Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1205IRGER TI1-ADS1205IRGER Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205IRGERG4 TI1-ADS1205IRGERG4 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
More results

Similar Description - ADS1205IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI1-ADS1209_14 Datasheet
1,020Kb / 24P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com