Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM53232000BK Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM53232000BK
Description  32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53232000BK Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM53232000BK Datasheet HTML 1Page - Samsung semiconductor KMM53232000BK Datasheet HTML 2Page - Samsung semiconductor KMM53232000BK Datasheet HTML 3Page - Samsung semiconductor KMM53232000BK Datasheet HTML 4Page - Samsung semiconductor KMM53232000BK Datasheet HTML 5Page - Samsung semiconductor KMM53232000BK Datasheet HTML 6Page - Samsung semiconductor KMM53232000BK Datasheet HTML 7Page - Samsung semiconductor KMM53232000BK Datasheet HTML 8Page - Samsung semiconductor KMM53232000BK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DRAM MODULE
KMM53232000BK/BKG
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are ref-
erence levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 2 TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS is non-restrictive operating parameter. It is included in
the
data
sheet
as
electrical
characteristics
only.
If
tWCS
tWCS(min), the cycle is an early write cycle and the
data out pin will remain high impedance for the duration of
the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.4/0.4V, output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Fast page mode cycle time
tPC
35
40
ns
CAS precharge time(Fast page cycle)
tCP
10
10
ns
RAS pulse width(Fast page cycle)
tRASP
50
200K
60
200K
ns
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=5.0V±10%. See notes 1,2.)


Similar Part No. - KMM53232000BK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CKG SAMSUNG-KMM53232000CKG Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Similar Description - KMM53232000BK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004CK SAMSUNG-KMM53632004CK Datasheet
475Kb / 21P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com