Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMM53232004BKG Datasheet(PDF) 4 Page - Samsung semiconductor

Part # KMM53232004BKG
Description  32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53232004BKG Datasheet(HTML) 4 Page - Samsung semiconductor

  KMM53232004BKG Datasheet HTML 1Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 2Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 3Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 4Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 5Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 6Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 7Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 8Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DRAM MODULE
KMM53232004BK/BKG
CAPACITANCE (TA = 25
°C, VCC=5V, f = 1MHz)
Item
Symbol
Min
Max
Unit
Input capacitance[A0-A11]
Input capacitance[W]
Input capacitance[RAS0 - RAS3]
Input capacitance[CAS0 - CAS3]
Input/Output capacitance[DQ0-7, 9-16,18-25, 27-34]
CIN1
CIN2
CIN3
CIN4
CDQ
-
-
-
-
-
90
122
38
38
17
pF
pF
pF
pF
pF
AC CHARACTERISTICS (0
°C≤TA≤70°C, Vcc=5.0V±10%. See notes 1,2.)
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Random read or write cycle time
tRC
84
104
ns
Access time from RAS
tRAC
50
60
ns
3,4,10
Access time from CAS
tCAC
13
15
ns
3,4,5
Access time from column address
tAA
25
30
ns
3,10
CAS to output in Low-Z
tCLZ
3
3
ns
3
Output buffer turn-off delay from CAS
tCEZ
3
13
3
13
ns
6,12
Transition time(rise and fall)
tT
1
50
1
50
ns
2
RAS precharge time
tRP
30
40
ns
RAS pulse width
tRAS
50
10K
60
10K
ns
RAS hold time
tRSH
13
15
ns
CAS hold time
tCSH
38
45
ns
CAS pulse width
tCAS
8
10K
10
10K
ns
4
RAS to CAS delay time
tRCD
20
37
20
45
ns
9
RAS to column address delay time
tRAD
15
25
15
30
ns
CAS to RAS precharge time
tCRP
5
5
ns
Row address set-up time
tASR
0
0
ns
Row address hold time
tRAH
10
10
ns
Column address set-up time
tASC
0
0
ns
Column address hold time
tCAH
8
10
ns
Column address to RAS lead time
tRAL
25
30
ns
Read command set-up time
tRCS
0
0
ns
Read command hold referenced to CAS
tRCH
0
0
ns
8
Read command hold referenced to RAS
tRRH
0
0
ns
8
Write command set-up time
tWCS
0
0
ns
7
Write command hold time
tWCH
10
10
ns
Write command pulse width
tWP
10
10
ns
Write command to RAS lead time
tRWL
13
15
ns
Write command to CAS lead time
tCWL
8
10
ns
Data set-up time
tDS
0
0
ns
9
Data hold time
tDH
8
10
ns
9
Refresh period
tREF
64
64
ms
CAS setup time (CAS-before-RAS refresh)
tCSR
5
5
ns
CAS hold time (CAS-before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
28
35
ns
3


Similar Part No. - KMM53232004BKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004CKG SAMSUNG-KMM53232004CKG Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Similar Description - KMM53232004BKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004CK SAMSUNG-KMM53632004CK Datasheet
475Kb / 21P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com