Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-24 Datasheet(PDF) 3 Page - Sanken electric

Part # FMB-24
Description  Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-24 Datasheet(HTML) 3 Page - Sanken electric

  FMB-24 Datasheet HTML 1Page - Sanken electric FMB-24 Datasheet HTML 2Page - Sanken electric FMB-24 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
FMW-24H
010718
3/5
61426-01
6. Characteristics
IF(AV) - PF
Average Forward Current (A)
VR - PR
Reverse Voltage (V)
0
5
10
15
20
0
5
10
15
20
25
30
35
40
0
5
10
15
0
5
10
15
Tj=150°C
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
Tj=150°C
t
T
1-t/T=5/6
sinewave
1-t/T=2/3
1-t/T=1/2


Similar Part No. - FMB-24

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-24 SANKEN-FMB-24 Datasheet
196Kb / 5P
   Silicon Schottky Barrier Diode
FMB-24H SANKEN-FMB-24H Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-24L SANKEN-FMB-24L Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-24M SANKEN-FMB-24M Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
More results

Similar Description - FMB-24

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com