Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD12VU1UT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD12VU1UT
Description  Ultra low capacitance ESD protection diode in SOT23 package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD12VU1UT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD12VU1UT Datasheet HTML 2Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 3Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 4Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 5Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 6Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 7Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 8Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 9Page - NXP Semiconductors PESD12VU1UT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
9397 750 14912
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 May 2005
6 of 13
Philips Semiconductors
PESDxU1UT series
Ultra low capacitance ESD protection diode in SOT23 package
PESD3V3U1UT; PESD5V0U1UT
IR is less than 10 nA at 150 °C for:
PESD12VU1UT; PESD15VU1UT; PESD24VU1UT
Fig 3.
V-I characteristics
Fig 4.
Relative variation of reverse leakage current as
a function of junction temperature; typical
values
006aaa407
VCL VBR VRWM
IRM
IR
IPP
V
I
P-N
+
006aaa442
Tj (°C)
−100
150
100
050
−50
1
10
10−1
IR
IR(25˚C)


Similar Part No. - PESD12VU1UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VU1UT NXP-PESD12VU1UT Datasheet
114Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD12VU1UT NEXPERIA-PESD12VU1UT Datasheet
674Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02 - 20 August 2009
More results

Similar Description - PESD12VU1UT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXU1UT NXP-PESDXU1UT Datasheet
114Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESDXU1UT_SER NEXPERIA-PESDXU1UT_SER Datasheet
674Kb / 13P
   Ultra low capacitance ESD protection diode in SOT23 package
Rev. 02 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S2BT PHILIPS-PESD5V0S2BT Datasheet
74Kb / 11P
   Low capacitance bi-directional double ESD protection diode in SOT23 package
Rev. 02-27 May 2004
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
   Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD3V3S2UAT-Q NEXPERIA-PESD3V3S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
2 June 2023
PESD5V0S2UAT-Q NEXPERIA-PESD5V0S2UAT-Q Datasheet
208Kb / 11P
   Double ESD protection diode in SOT23 package
3 May 2022
PESD3V3S2UAT NEXPERIA-PESD3V3S2UAT Datasheet
243Kb / 12P
   Double ESD protection diode in SOT23 package
27 June 2023
PESD24VS2UAT NEXPERIA-PESD24VS2UAT Datasheet
241Kb / 11P
   Double ESD protection diode in SOT23 package
24 July 2023
PESD5V0S2UAT NEXPERIA-PESD5V0S2UAT Datasheet
205Kb / 11P
   Double ESD protection diode in SOT23 package
1 April 2023
PESD15VS2UAT NEXPERIA-PESD15VS2UAT Datasheet
244Kb / 11P
   Double ESD protection diode in SOT23 package
13 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com