Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM39F020-70JCE Datasheet(PDF) 4 Page - PMC-Sierra, Inc

Part # PM39F020-70JCE
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F020-70JCE Datasheet(HTML) 4 Page - PMC-Sierra, Inc

  PM39F020-70JCE Datasheet HTML 1Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 2Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 3Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39F020-70JCE Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
4
PRODUCT ORDERING INFORMATION
Pm39F0x0
-70
J
C
E
Temperature Range
C = Commercial (0°C to +85°C)
Package Type
J = 32-pin Plastic J-Leaded Chip Carrier (32J)
V = 32-pin Thin Small Outline Package (32V)
P = 32-pin Plastic DIP (32P)
Speed Option
- 70 = 70ns
- 55 = 55ns
PMC Device Number
Pm39F010 (1 Mbit)
Pm39F020 (2 Mbit)
Pm39F040 (4 Mbit)
Environmental Attribute
E = Lead-free (Pb-free) Package
Blank = Standard Package


Similar Part No. - PM39F020-70JCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39F020-70JCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com