Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8152 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8152
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152 Datasheet(HTML) 2 Page - Analog Devices

  AD8152 Datasheet HTML 1Page - Analog Devices AD8152 Datasheet HTML 2Page - Analog Devices AD8152 Datasheet HTML 3Page - Analog Devices AD8152 Datasheet HTML 4Page - Analog Devices AD8152 Datasheet HTML 5Page - Analog Devices AD8152 Datasheet HTML 6Page - Analog Devices AD8152 Datasheet HTML 7Page - Analog Devices AD8152 Datasheet HTML 8Page - Analog Devices AD8152 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
REV. A
–2–
AD8152
(@ 25 C, VCC = 2.5 V to 3.3 V, VEE = 0 V, RL = 50
, Differential Output Swing = 800 mV p-p,
unless otherwise noted.)
Parameter
Condition
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Max Data Rate/Channel (NRZ)
3.2
Gbps
Channel Jitter
Data Rate
£ 3.2 Gbps; PRBS 223 – 1
45
ps p-p
RMS Channel Jitter
<10
ps
Propagation Delay
Input to Output
660
800
ps
Propagation Delay Match
±50
±120
ps
Output Rise/Fall Time
20% to 80%
100
ps
INPUT CHARACTERISTICS
Input Voltage Swing
Single-Ended (See TPC 14)
50
1000
mV p-p
Input Voltage Range
Common-Mode (See TPC 15)
VEE + 0.8
VCC + 0.2
V
Input Bias Current
2
mA
Input Capacitance
2pF
OUTPUT CHARACTERISTICS
Output Voltage Swing
Differential (See TPC 18)
100
800
1600
mV p-p
Output Voltage Range
VCC – 1.2
VCC + 0.2
V
Output Current
2
32
mA
Output Capacitance
2pF
TERMINATION CHARACTERISTICS
Resistance
43
50
57
W
Temperature Coefficient
0.05
W/∞C
POWER SUPPLY
Operating Range
VCC
VEE = 0 V
2.25
3.63
V
Quiescent Current
VCC
All Outputs Disabled
32
45
mA
All Outputs Enabled
190
mA
VEE
All Outputs Disabled
32
45
mA
All Outputs Enabled
770
mA
TMIN to TMAX, All Outputs Enabled
800
mA
LOGIC INPUT CHARACTERISTICS
Input High (VIH)
VCC = 3.3 V
2
V
Input Low (VIL)
VCC = 3.3 V
0.8
V
Input High (VIH)
VCC = 2.5 V
1.7
V
Input Low (VIL)
VCC = 2.5 V
0.7
V
LOGIC OUTPUT CHARACTERISTICS
Output High (VOH)
VCC = 3.3 V, IOH = –2 mA
2.4
V
Output Low (VOL)
VCC = 3.3 V, IOL = +2 mA
0.4
V
Output High (VOH)
VCC = 2.5 V, IOH = –100 uA
2.1
V
Output Low (VOL)
VCC = 2.5 V, IOL = +100 uA
0.2
V
THERMAL CHARACTERISTICS
Operating Temperature Range
0
85
∞C
JA
Still Air
15
∞C/W
200 lfpm
12
∞C/W
400 lfpm
11
∞C/W
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS


Similar Part No. - AD8152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
More results

Similar Description - AD8152

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com