Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8152JBP Datasheet(PDF) 1 Page - Analog Devices

Part # AD8152JBP
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8152JBP Datasheet(HTML) 1 Page - Analog Devices

  AD8152JBP Datasheet HTML 1Page - Analog Devices AD8152JBP Datasheet HTML 2Page - Analog Devices AD8152JBP Datasheet HTML 3Page - Analog Devices AD8152JBP Datasheet HTML 4Page - Analog Devices AD8152JBP Datasheet HTML 5Page - Analog Devices AD8152JBP Datasheet HTML 6Page - Analog Devices AD8152JBP Datasheet HTML 7Page - Analog Devices AD8152JBP Datasheet HTML 8Page - Analog Devices AD8152JBP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
a
AD8152*
34
34, 3.2 Gbps
Asynchronous Digital Crosspoint Switch
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
*Patent Pending
FEATURES
Low Cost
Low Power
2.0 W @ 2.5 V (Outputs Enabled)
<100 mW @ 2.5 V (Outputs Disabled)
34
34, Fully Differential, Nonblocking Array
3.2 Gbps per Port NRZ Data Rate
Wide Power Supply Range: 2.5 V to 3.3 V
LVTTL or LVCMOS Level Control Inputs:
@ 2.5 V to 3.3 V
Low Jitter: 45 ps
Drives a Backplane Directly
Programmable Output Swing
100 mV to 1.6 V Differential
50
On-Chip I/O Termination
User Controlled Voltage at the Load
Minimizes Power Dissipation
Dual Rank Latches
Available in 256-Ball Grid Array
APPLICATIONS
Fiber Optic Network Switching
High Speed Serial Backplane Routing to OC-48 with FEC
Gigabit Ethernet
Digital Video (HDTV)
Data Storage Networks
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
LEVEL
DACs
OUTN
OUTP
VTTO
34
34
DIFFERENTIAL
SWITCH MATRIX
34
34
MATRIX
CONNECTION
LATCHES
CONNECTION
DECODE
OUTPUT
LEVEL
LATCHES
CONTROL
LOGIC
INN
VTTI
INP
D[5:0]
A[6:0]
RE
WE
RESET
CS
UPDATE
VEE
VCC
AD8152
34
34
GENERAL DESCRIPTION
AD8152 is a member of the Xstream line of products and is a
breakthrough in digital switching, offering a large switch array
(34
× 34) on very little power, typically 2.0 W. Additionally, it
operates at data rates up to 3.2 Gbps per port, making it suitable
for Sonet/SDH OC-48 with Forward Error Correction (FEC).
The AD8152’s useful supply voltage range allows the user to
operate at LVPECL/CML data levels down to 2.5 V. The control
interface is LVTTL or LVCMOS compatible on 2.5 V to 3.3 V.
The AD8152’s fully differential signal path reduces jitter and
crosstalk while allowing the use of smaller single-ended voltage
swings. It is offered in a 256-ball SBGA package that operates
over the industrial temperature range of 0
°C to 85°C.
80ps/DIV
Figure 1. Eye Pattern, 3.2 Gbps, PRBS 23


Similar Part No. - AD8152JBP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
More results

Similar Description - AD8152JBP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com